Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 161Page - STMicroelectronics STM32U575VG Datasheet HTML 162Page - STMicroelectronics STM32U575VG Datasheet HTML 163Page - STMicroelectronics STM32U575VG Datasheet HTML 164Page - STMicroelectronics STM32U575VG Datasheet HTML 165Page - STMicroelectronics STM32U575VG Datasheet HTML 166Page - STMicroelectronics STM32U575VG Datasheet HTML 167Page - STMicroelectronics STM32U575VG Datasheet HTML 168Page - STMicroelectronics STM32U575VG Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 329 page
background image
Table 46. SRAM1/SRAM3 current consumption in Run/Sleep mode with LDO and SMPS
Symbol
Parameter
Conditions
Typ
Max
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C
IDD
(SRAM1)
LDO
SRAM1 supply current in
Run/Sleep mode (SRAM1PD = 1
versus SRAM1PD = 0)
Range 4
24
0.02
0.05 0.16
0.33
0.68
0.06 0.15 0.48
1.00
2.05
mA
Range 1
160
0.04
0.10 0.28
0.55
1.07
0.15 0.30 0.83
1.65
3.20
Range 2
110
0.03
0.08 0.23
0.47
0.94
0.11
0.24 0.70
1.41
2.82
Range 3
55
0.02
0.06 0.19
0.40
0.81
0.08 0.19 0.58
1.20
2.43
IDD
(SRAM3)
SRAM3 supply current in
Run/Sleep mode (SRAM3PD = 1
versus SRAM3PD = 0)
Range 4
24
0.04
0.13 0.41
0.87
1.78
0.15 0.39 1.24
2.62
5.34
Range 1
160
0.11
0.26 0.73
1.44
2.80
0.39 0.79 2.18
4.31
8.40
Range 2
110
0.08
0.21 0.60
1.22
2.44
0.28 0.62 1.81
3.67
7.32
Range 3
55
0.06
0.16 0.50
1.04
2.09
0.20 0.49 1.50
3.11
6.28
IDD
(SRAM1)
SMPS,
VDD = 3.0 V
SRAM1 supply current in
Run/Sleep mode (SRAM1PD = 1
versus SRAM1PD = 0)
Range 4
24
0.01
0.02 0.06
0.10
0.26
0.02 0.06 0.19
0.31
0.78
Range 1
160
0.02
0.05 0.14
0.28
0.55
0.07 0.15 0.43
0.84
1.64
Range 2
110
0.01
0.04 0.12
0.23
0.46
0.05 0.12 0.36
0.70
1.37
Range 3
55
0.01
0.03 0.09
0.18
0.36
0.04 0.09 0.27
0.55
1.09
IDD
(SRAM3)
SRAM3 supply current in
Run/Sleep mode (SRAM3PD = 1
versus SRAM3PD = 0)
Range 4
24
0.02
0.05 0.17
0.32
0.69
0.06 0.16 0.51
0.95
2.07
Range 1
160
0.06
0.13 0.37
0.73
1.43
0.20 0.40 1.12
2.20
4.28
Range 2
100
0.04
0.10 0.30
0.61
1.19
0.14 0.31 0.91
1.84
3.57
Range 3
55
0.03
0.08 0.23
0.48
0.95
0.09 0.23 0.70
1.45
2.86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com