Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 163Page - STMicroelectronics STM32U575VG Datasheet HTML 164Page - STMicroelectronics STM32U575VG Datasheet HTML 165Page - STMicroelectronics STM32U575VG Datasheet HTML 166Page - STMicroelectronics STM32U575VG Datasheet HTML 167Page - STMicroelectronics STM32U575VG Datasheet HTML 168Page - STMicroelectronics STM32U575VG Datasheet HTML 169Page - STMicroelectronics STM32U575VG Datasheet HTML 170Page - STMicroelectronics STM32U575VG Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 329 page
background image
Table 48. Current consumption in Stop 0 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
30°C
55°C
85°C
105°C
125°C
IDD(Stop 0)
Supply current in Stop 0 mode,
regulator in Range 4,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
110
280
770
1500
3000
400
840
2400
4500
9000
µA
2.4
115
290
805
1600
3050
420
870
2500
4800
9200
3.0
115
295
820
1600
3150
420
890
2500
4800
9500
3.3
115
295
820
1600
3150
420
890
2500
4800
9500
3.6
115
295
825
1600
3150
420
890
2500
4800
9500
Supply current in Stop 0 mode,
regulator in Range 4,
RTC disabled,
All SRAMs retained
1.8
125
305
840
1650
3300
460
920
2600
5000
9900
2.4
125
315
875
1750
3400
460
950
2700
5300
11000
3.0
125
320
895
1800
3500
460
960
2700
5400
11000
3.3
130
320
890
1750
3500
470
960
2700
5300
11000
3.6
130
320
895
1800
3500
470
960
2700
5400
11000
1. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com