Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 167Page - STMicroelectronics STM32U575VG Datasheet HTML 168Page - STMicroelectronics STM32U575VG Datasheet HTML 169Page - STMicroelectronics STM32U575VG Datasheet HTML 170Page - STMicroelectronics STM32U575VG Datasheet HTML 171Page - STMicroelectronics STM32U575VG Datasheet HTML 172Page - STMicroelectronics STM32U575VG Datasheet HTML 173Page - STMicroelectronics STM32U575VG Datasheet HTML 174Page - STMicroelectronics STM32U575VG Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 329 page
background image
IDD(Stop 1
with RTC)
Supply current in Stop 1 mode,
RTC(3) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
54.5
160
535
1050
2100
-
-
-
-
-
µA
2.4
39.0
115
350
890
1650
-
-
-
-
-
3.0
40.0
115
340
685
1400
-
-
-
-
-
3.3
37.5
110
315
640
1300
-
-
-
-
-
3.6
36.0
100
295
600
1200
-
-
-
-
-
Supply current in Stop 1 mode,
RTC(3) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
65.0
180
535
1050
2100
-
-
-
-
-
2.4
50.0
140
415
850
1700
-
-
-
-
-
3.0
42.0
120
345
705
1400
-
-
-
-
-
3.3
39.0
110
320
655
1250
-
-
-
-
-
3.6
38.0
105
300
620
1200
-
-
-
-
-
Supply current in Stop 1 mode,
RTC(3) clocked by LSE quartz
in medium low-drive mode,
LSESYSEN = 0 in RCC_BDCR,
8-Kbyte SRAM2 + ICACHE
retained
1.8
54.0
155
610
1050
2100
-
-
-
-
-
2.4
39.5
150
490
875
1600
-
-
-
-
-
3.0
39.5
115
335
680
1350
-
-
-
-
-
3.3
37.0
105
310
630
1250
-
-
-
-
-
3.6
35.5
100
295
590
1150
-
-
-
-
-
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Tested in production.
3. RTC with default configuration but LPCAL = 1 in RTC_CALR.
Table 52. Current consumption in Stop 1 mode on SMPS (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
30°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com