Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 172Page - STMicroelectronics STM32U575VG Datasheet HTML 173Page - STMicroelectronics STM32U575VG Datasheet HTML 174Page - STMicroelectronics STM32U575VG Datasheet HTML 175Page - STMicroelectronics STM32U575VG Datasheet HTML 176Page - STMicroelectronics STM32U575VG Datasheet HTML 177Page - STMicroelectronics STM32U575VG Datasheet HTML 178Page - STMicroelectronics STM32U575VG Datasheet HTML 179Page - STMicroelectronics STM32U575VG Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 329 page
background image
IDD(Stop 2
with RTC)
Supply current in Stop 2 mode,
RTC(3) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.60
14.0
42.0
89.0
195
20.0
42.0
130.0
270.0
580.0
µA
2.4
3.85
10.0
30.0
63.5
140
14.0
30.0
89.0
190.0
410.0
3.0
4.35
10.5
32.0
68.5
150
16.0
31.0
94.0
200.0
440.0
3.3
4.40
10.5
31.0
66.0
145
16.0
31.0
91.0
200.0
420.0
3.6
5.15
11.5
31.5
66.0
145
18.0
33.0
91.0
190.0
420.0
Supply current in Stop 2 mode,
RTC(3) clocked by LSI 250 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.40
14.0
42.0
89.0
195
20.0
42.0
130.0
270.0
580.0
2.4
3.60
9.8
30.0
63.5
135
13.0
29.0
89.0
190.0
400.0
3.0
4.00
10.5
31.5
68.0
150
15.0
31.0
93.0
200.0
440.0
3.3
4.05
10.5
31.0
65.5
145
15.0
31.0
91.0
190.0
420.0
3.6
4.75
11.0
31.5
65.5
145
17.0
32.0
91.0
190.0
420.0
Supply current in Stop 2 mode,
RTC(3) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.50
14.0
42.0
89.0
195
20.0
42.0
130.0
270.0
580.0
2.4
3.70
9.9
30.0
63.5
140
14.0
30.0
89.0
190.0
410.0
3.0
4.15
10.5
32.0
68.0
150
15.0
31.0
94.0
200.0
440.0
3.3
4.20
10.5
31.0
66.0
145
15.0
31.0
91.0
200.0
420.0
3.6
4.90
11.0
31.5
65.5
145
17.0
32.0
91.0
190.0
420.0
Supply current in Stop 2 mode,
RTC(3) clocked by LSE quartz in
medium low-drive mode,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.50
14.0
41.5
88.0
190
-
-
-
-
-
2.4
3.80
9.9
30.0
63.0
135
-
-
-
-
-
3.0
4.15
10.5
31.5
67.5
145
-
-
-
-
-
3.3
4.20
10.5
31.0
65.0
140
-
-
-
-
-
3.6
4.85
11.0
31.5
65.0
140
-
-
-
-
-
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Tested in production.
3. RTC with default configuration but LPCAL = 1 in RTC_CALR.
Table 57. Current consumption in Stop 2 mode on SMPS (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
30°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com