Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 180 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 176Page - STMicroelectronics STM32U575VG Datasheet HTML 177Page - STMicroelectronics STM32U575VG Datasheet HTML 178Page - STMicroelectronics STM32U575VG Datasheet HTML 179Page - STMicroelectronics STM32U575VG Datasheet HTML 180Page - STMicroelectronics STM32U575VG Datasheet HTML 181Page - STMicroelectronics STM32U575VG Datasheet HTML 182Page - STMicroelectronics STM32U575VG Datasheet HTML 183Page - STMicroelectronics STM32U575VG Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 329 page
background image
Table 61. SRAM static power consumption in Stop 3 when supplied by LDO
Symbol
Parameter
Typ
Max(1)
Unit
25°C
55°C
85°C 105°C 125°C 30°C
55°C
85°C 105°C 125°C
IDD(SRAM1_64kB)(2)
SRAM1 64-Kbyte page x static consumption
(SRAM1PDSx = 1 versus SRAM1PDSx = 0)
0.7
1.8
6.4
15.3
35.6
2.7
5.3
20.0
46.0
110.0
µA
IDD(SRAM2_8KB)(3)
SRAM2 8-Kbyte page 1 static consumption
(SRAM2PDS1 = 1 versus SRAM2PDS1 = 0)
0.2
0.7
2.4
5.8
12.8
1.0
2.1
7.1
18.0
39.0
IDD(SRAM2_56KB)(3)
SRAM2 56-Kbyte page 2 static consumption
(SRAM2PDS2 = 1 versus SRAM2PDS2 = 0)
0.9
2.2
7.8
18.5
41.7
3.2
6.5
24.0
56.0
130.0
IDD(SRAM3_64kB)(4)
SRAM3 64-Kbyte page x static consumption
(SRAM3PDSx = 1 versus SRAM3PDSx = 0)
0.7
1.7
6.1
14.8
34.2
2.6
5.2
19.0
45.0
110.0
IDD(SRAM4)
SRAM4 static consumption
(SRAM4PDS = 1 versus SRAM4PDS = 0)
0.2
0.5
1.7
4.0
8.9
0.8
1.5
5.1
12.0
27.0
IDD(ICRAM)
ICACHE SRAM static consumption
(ICRAMPDS = 1 versus ICRAMPDS = 0)
0.0
0.3
1.3
2.9
6.3
0.0
1.1
3.9
8.9
19.0
IDD(DC1RAM)
DCACHE1 SRAM static consumption
(DC1RAMPDS = 1 versus DC1RAMPDS = 0)
0.0
0.0
0.0
0.3
1.2
0.0
0.0
0.0
1.0
3.7
IDD(DMA2DRAM)
DMA2D SRAM static consumption
(DMA2DRAMPDS = 1 versus DMA2DRAMPDS = 0)
0.0
0.1
0.3
0.6
1.1
0.2
0.2
1.0
1.9
3.4
IDD(PRAM)
FMAC, FDCAN and USB SRAM static consumption
(PRAMPDS = 1 versus PRAMPDS = 0)
0.1
0.1
0.4
0.8
1.5
0.2
0.3
1.3
2.3
4.6
1. Evaluated by characterization. Not tested in production.
2. SRAM1 total consumption is 3 × IDD(SRAM1_64KB).
3. SRAM2 total consumption is IDD(SRAM2_8KB) + IDD(SRAM2_56KB).
4. SRAM3 total consumption is 8 × IDD(SRAM3_64KB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com