Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 179 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 175Page - STMicroelectronics STM32U575VG Datasheet HTML 176Page - STMicroelectronics STM32U575VG Datasheet HTML 177Page - STMicroelectronics STM32U575VG Datasheet HTML 178Page - STMicroelectronics STM32U575VG Datasheet HTML 179Page - STMicroelectronics STM32U575VG Datasheet HTML 180Page - STMicroelectronics STM32U575VG Datasheet HTML 181Page - STMicroelectronics STM32U575VG Datasheet HTML 182Page - STMicroelectronics STM32U575VG Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 329 page
background image
IDD(Stop 3
with RTC)
Supply current in Stop 3 mode,
RTC(3) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.45
15.0
49.5
110
240
20.0
45.0
150.0
330.0
710.0
µA
2.4
5.55
15.0
50.0
110
240
20.0
45.0
150.0
330.0
710.0
3.0
6.05
15.5
51.0
110
245
22.0
46.0
160.0
330.0
720.0
3.3
5.80
16.0
52.0
115
250
21.0
48.0
160.0
340.0
740.0
3.6
7.35
18.0
54.5
120
255
26.0
53.0
160.0
360.0
750.0
Supply current in Stop 3 mode,
RTC(3) clocked by LSI 250 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.25
15.0
49.5
110
240
19.0
45.0
150.0
330.0
710.0
2.4
5.30
15.0
49.5
110
240
19.0
45.0
150.0
330.0
710.0
3.0
5.75
15.0
50.5
110
245
21.0
45.0
150.0
330.0
720.0
3.3
5.40
16.0
52.0
115
250
19.0
48.0
160.0
340.0
740.0
3.6
6.95
17.5
54.5
115
255
25.0
51.0
160.0
340.0
750.0
Supply current in Stop 3 mode,
RTC(3) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.35
15.0
49.5
110
240
20.0
45.0
150.0
330.0
710.0
2.4
5.40
15.0
49.5
110
240
20.0
45.0
150.0
330.0
710.0
3.0
5.90
15.5
50.5
110
245
21.0
46.0
150.0
330.0
720.0
3.3
5.55
16.0
52.0
115
250
20.0
48.0
160.0
340.0
740.0
3.6
7.20
17.5
54.5
115
255
25.0
51.0
160.0
340.0
750.0
Supply current in Stop 3 mode,
RTC(3) clocked by LSE quartz in
medium low-drive mode,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.35
15.0
48.5
105
230
-
-
-
-
-
2.4
5.45
15.0
49.0
110
235
-
-
-
-
-
3.0
5.95
15.5
50.5
110
240
-
-
-
-
-
3.3
6.55
16.0
51.5
110
245
-
-
-
-
-
3.6
7.20
17.5
54.0
115
250
-
-
-
-
-
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Tested in production.
3. RTC with default configuration but LPCAL = 1 in RTC_CALR.
Table 60. Current consumption in Stop 3 mode on LDO (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
30°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com