Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 174Page - STMicroelectronics STM32U575VG Datasheet HTML 175Page - STMicroelectronics STM32U575VG Datasheet HTML 176Page - STMicroelectronics STM32U575VG Datasheet HTML 177Page - STMicroelectronics STM32U575VG Datasheet HTML 178Page - STMicroelectronics STM32U575VG Datasheet HTML 179Page - STMicroelectronics STM32U575VG Datasheet HTML 180Page - STMicroelectronics STM32U575VG Datasheet HTML 181Page - STMicroelectronics STM32U575VG Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 329 page
background image
Table 59. Current consumption during wakeup from Stop 2 mode on SMPS
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V)
25°C
QDD(wakeup from Stop 2)
Electrical charge consumed during wakeup from
Stop 2 mode
Wakeup clock is MSI 24 MHz
3.0
0.57
nAs
Wakeup clock is HSI 16 MHz
0.18
Wakeup clock is MSI 1 MHz
1.19
Table 60. Current consumption in Stop 3 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
30°C
55°C
85°C
105°C
125°C
IDD(Stop 3)
Supply current in Stop 3 mode,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.15
14.5
49.0
110
240
19.0
44.0
150.0
330.0
710.0
µA
2.4
5.15
15.0
49.5
110
240
19.0
45.0
150.0
330.0
710.0
3.0
5.60
15.0
50.5
110
245
20.0
45.0
150.0
330.0
720.0
3.3
5.30
15.5
51.5
115
250
19.0
46.0
160.0
340.0
740.0
3.6
6.80
17.0
54.0
115
255
24.0
50.0
160.0
340.0
750.0
Supply current in Stop 3 mode,
RTC disabled,
all SRAMs retained
1.8
12.00
35.5
125.0
290
665
44.0
110.0
380.0
870.0
2000.0
2.4
12.00
36.0
125.0
295
670
44.0
110.0
380.0
890.0
2000.0
3.0
13.00
36.5
130.0
300
675
47.0(2)
110.0
390.0
900.0
2100.0
3.3
14.50
37.0
130.0
300
685
52.0
120.0
390.0
900.0
2100.0
3.6
14.50
39.0
135.0
305
695
52.0
120.0
410.0
910.0
2100.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com