Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 185 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 185 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 181Page - STMicroelectronics STM32U575VG Datasheet HTML 182Page - STMicroelectronics STM32U575VG Datasheet HTML 183Page - STMicroelectronics STM32U575VG Datasheet HTML 184Page - STMicroelectronics STM32U575VG Datasheet HTML 185Page - STMicroelectronics STM32U575VG Datasheet HTML 186Page - STMicroelectronics STM32U575VG Datasheet HTML 187Page - STMicroelectronics STM32U575VG Datasheet HTML 188Page - STMicroelectronics STM32U575VG Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 329 page
background image
Table 66. Current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD (V) 25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C
IDD(Standby)
Supply current in
Standby mode (backup
registers retained),
RTC disabled
No IWDG
ULPMEN = 1
1.8
0.21
0.71
3.30
9.10
28.40
0.55
1.70
7.40
20.00
58.00
µA
2.4
0.21
0.74
3.47
9.54
29.70
0.58
1.80
7.90
22.00
61.00
3.0
0.36
1.08
4.41
11.50 34.20
1.10
2.70
11.00 27.00
73.00
3.3
0.64
1.69
5.68
13.70 38.40
2.00
4.20
14.00 32.00
83.00
3.6
1.51
3.04
8.07
17.40 44.20
4.80
7.70
20.00 41.00
98.00
No IWDG
ULPMEN = 0
1.8
0.28
0.76
3.28
8.95
27.70
0.63
1.70
7.40
20.00
57.00
2.4
0.29
0.83
3.52
9.46
29.10
0.67
1.90
7.90
22.00
61.00
3.0
0.43
1.16
4.43
11.40 33.40
1.10
2.80
11.00 27.00
72.00
3.3
0.75
1.75
5.68
13.60 37.40
2.20
4.30
14.00 32.00
82.00
3.6
1.58
3.10
8.07
17.20 43.30
4.90
7.70
20.00 41.00
97.00
with IWDG
clocked by
LSI 32 kHz
ULPMEN = 0
1.8
0.52
1.03
3.55
9.04
26.57
0.79
1.90
7.20
19.00
57.00
2.4
0.64
1.18
3.81
9.51
27.47
0.93
2.10
7.80
20.00
61.00
3.0
0.87
1.62
4.81
11.48 31.63
1.50
3.10
11.00 25.00
72.00
3.3
1.23
2.26
6.12
13.68 35.58
2.60
4.60
14.00 30.00
83.00
3.6
2.13
3.67
8.55
17.34 41.46
5.30
8.10
20.00 39.00
97.00
with IWDG
clocked by
LSI 250 Hz
ULPMEN = 0
1.8
0.38
0.88
3.44
9.15
28.00
0.77
1.90
7.60
21.00
57.00
2.4
0.40
0.94
3.63
9.58
29.20
0.79
2.00
8.00
22.00
61.00
3.0
0.55
1.28
4.55
11.50 33.50
1.30
2.90
11.00 27.00
72.00
3.3
0.87
1.90
5.83
13.70 37.50
2.30
4.40
14.00 32.00
82.00
3.6
1.71
3.26
8.22
17.30 43.30
5.10
7.90
20.00 41.00
97.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com