Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 182Page - STMicroelectronics STM32U575VG Datasheet HTML 183Page - STMicroelectronics STM32U575VG Datasheet HTML 184Page - STMicroelectronics STM32U575VG Datasheet HTML 185Page - STMicroelectronics STM32U575VG Datasheet HTML 186Page - STMicroelectronics STM32U575VG Datasheet HTML 187Page - STMicroelectronics STM32U575VG Datasheet HTML 188Page - STMicroelectronics STM32U575VG Datasheet HTML 189Page - STMicroelectronics STM32U575VG Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 329 page
background image
IDD(Standby with
RTC)
Supply current in
Standby mode (backup
registers retained),
RTC enabled
RTC(2) clocked
by LSI 32 kHz,
no IWDG(3)
ULPMEN = 0
1.8
0.56
1.05
3.60
9.29
28.10
0.81
1.90
7.50
20.00
57.00
µA
2.4
0.64
1.18
3.88
9.82
29.40
0.93
2.20
8.20
22.00
61.00
3.0
0.88
1.61
4.88
11.80 33.80
1.50
3.20
11.00 27.00
72.00
3.3
1.25
2.26
6.19
14.10 37.80
2.60
4.70
14.00 33.00
83.00
3.6
2.13
3.67
8.63
17.70 43.70
5.30
8.20
20.00 42.00
97.00
RTC(2) clocked
by LSI 250 Hz,
no IWDG
ULPMEN = 0
1.8
0.39
0.88
3.44
9.14
28.00
0.77
1.90
7.60
21.00
57.00
2.4
0.40
0.94
3.63
9.58
29.20
0.79
2.00
8.00
22.00
61.00
3.0
0.56
1.29
4.56
11.50 33.40
1.30
2.90
11.00 27.00
72.00
3.3
0.89
1.90
5.83
13.70 37.50
2.30
4.40
14.00 32.00
82.00
3.6
1.73
3.27
8.23
17.30 43.30
5.10
7.90
20.00 41.00
97.00
RTC(2) clocked
by LSE
bypassed at
32768 Hz
ULPMEN = 0
1.8
0.47
0.96
3.51
9.22
28.10
0.95
2.10
7.70
21.00
57.00
2.4
0.50
1.04
3.75
9.72
29.40
1.10
2.30
8.30
22.00
61.00
3.0
0.69
1.42
4.71
11.70 33.80
1.60
3.30
11.00 27.00
73.00
3.3
1.04
2.06
6.00
13.90 37.80
2.70
4.80
15.00 33.00
83.00
3.6
1.91
3.46
8.43
17.60 43.70
5.50
8.30
21.00 42.00
98.00
RTC(2) clocked
by LSE quartz
in medium
low-drive mode
ULPMEN = 0
1.8
0.47
0.97
3.50
9.14
27.20
-
-
-
-
-
2.4
0.50
1.05
3.72
9.60
28.20
-
-
-
-
-
3.0
0.66
1.40
4.66
11.50 32.50
-
-
-
-
-
3.3
0.98
2.01
5.93
13.70 36.50
-
-
-
-
-
3.6
1.82
3.37
8.32
17.40 42.30
-
-
-
-
-
Table 66. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD (V) 25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com