Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 185Page - STMicroelectronics STM32U575VG Datasheet HTML 186Page - STMicroelectronics STM32U575VG Datasheet HTML 187Page - STMicroelectronics STM32U575VG Datasheet HTML 188Page - STMicroelectronics STM32U575VG Datasheet HTML 189Page - STMicroelectronics STM32U575VG Datasheet HTML 190Page - STMicroelectronics STM32U575VG Datasheet HTML 191Page - STMicroelectronics STM32U575VG Datasheet HTML 192Page - STMicroelectronics STM32U575VG Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 329 page
background image
Table 68. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD (V) 25°C 55°C 85°C 105°C 125°C 30°C
55°C
85°C
105°C 125°C
IDD(Shutdown)
Supply current in
Shutdown mode (backup
registers retained),
RTC disabled
-
1.8
0.16
0.62
2.65
7.05
18.50
0.49
1.60
6.70
18.00
47.00
µA
2.4
0.17
0.68
2.85
7.65
20.00
0.53
1.70
7.20
20.00
50.00
3.0
0.31
1.05
3.85
9.75
25.00 0.95(2)
2.70
9.70
25.00
63.00
3.3
0.64
1.65
5.15 12.00 29.00
2.00
4.20
13.00
30.00
73.00
3.6
1.55
3.05
7.60 15.50 35.00
4.90
7.70
19.00
39.00
88.00
IDD(Shutdown
with RTC)
Supply current in
Shutdown mode (backup
registers retained),
RTC enabled
RTC(3) clocked by
LSE bypassed at
32768 Hz
1.8
0.33
0.80
2.85
7.25
19.00
0.67
1.80
6.90
18.00
47.00
2.4
0.37
0.88
3.10
7.85
20.50
0.75
2.00
7.40
20.00
51.00
3.0
0.57
1.30
4.15 10.00 25.50
1.30
2.90
10.00
25.00
64.00
3.3
0.94
2.00
5.50 12.50 29.50
2.40
4.60
14.00
31.00
74.00
3.6
1.90
3.45
8.00 16.00 35.50
5.20
8.10
20.00
40.00
89.00
RTC(3) clocked by
LSE quartz in
medium low-drive
mode
1.8
0.39
0.87
3.00
7.60
20.00
-
-
-
-
-
2.4
0.43
0.93
3.20
8.05
21.00
-
-
-
-
-
3.0
0.57
1.25
4.10
9.95
25.50
-
-
-
-
-
3.3
0.89
1.90
5.40 12.00 29.50
-
-
-
-
-
3.6
1.75
3.25
7.80 16.00 35.50
-
-
-
-
-
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Tested in production.
3. RTC with default configuration but LPCAL = 1 in RTC_CALR.
Table 69. Current consumption during wakeup from Shutdown mode
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V)
25°C
QDD(wakeup from
Shutdown)
Electrical charge consumed during wakeup from
Shutdown mode
Wakeup clock is MSI 4 MHz
3.0
3.75
μAs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com