Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 193 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 189Page - STMicroelectronics STM32U575VG Datasheet HTML 190Page - STMicroelectronics STM32U575VG Datasheet HTML 191Page - STMicroelectronics STM32U575VG Datasheet HTML 192Page - STMicroelectronics STM32U575VG Datasheet HTML 193Page - STMicroelectronics STM32U575VG Datasheet HTML 194Page - STMicroelectronics STM32U575VG Datasheet HTML 195Page - STMicroelectronics STM32U575VG Datasheet HTML 196Page - STMicroelectronics STM32U575VG Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 329 page
background image
DS13737 Rev 6
193/329
STM32U575xx
Electrical characteristics
294
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the table below. The MCU is
placed under the following conditions:
•
All I/O pins are in analog mode.
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
The ambient operating temperature and supply voltage conditions are summarized
in Table 32.
•
The power consumption of the digital part of the on-chip peripherals is given in the table
below. The power consumption of the analog part of the peripherals (where applicable)
is indicated in each related section of the datasheet.
Table 71. Typical dynamic current consumption of peripherals
Bus
Peripheral
LDO
SMPS
Unit
AHB1
1.81
1.64
1.48
1.34
-
0.87
0.74
0.61
0.48
-
µA/
MHz
BKPRAM
0.90
0.80
0.74
0.67
-
0.44
0.37
0.31
0.24
-
CORDIC
0.56
0.51
0.45
0.41
-
0.27
0.23
0.19
0.15
-
CRC
0.34
0.30
0.27
0.25
-
0.17
0.14
0.12
0.09
-
DCACHE1
0.74
0.65
0.60
0.56
-
0.36
0.31
0.25
0.19
-
DMA2D
1.95
1.76
1.60
1.46
-
0.94
0.80
0.67
0.52
-
FLASH
2.21
2.01
1.82
1.65
-
1.07
0.91
0.76
0.59
-
FMAC
2.24
2.03
1.84
1.68
-
1.08
0.92
0.77
0.59
-
GPDMA1
3.71
3.38
3.05
2.75
-
1.80
1.52
1.27
0.98
-
GTZC1
0.39
0.34
0.31
0.30
-
0.18
0.16
0.13
0.10
-
ICACHE
0.76
0.68
0.63
0.57
-
0.37
0.32
0.26
0.20
-
MDF1
7.65
6.95
6.27
5.67
-
3.69
3.12
2.61
2.01
-
MDF1 indep(1)
0.84
0.76
0.68
0.63
-
0.4
0.34
0.29
0.22
-
RAMCFG
1.26
1.14
1.03
0.96
-
0.61
0.52
0.43
0.33
-
SRAM1
0.82
0.73
0.67
0.62
-
0.40
0.34
0.28
0.22
-
TSC
1.11
1.00
0.91
0.83
-
0.54
0.46
0.38
0.29
-
AHB2-1
2.08
1.88
1.71
1.54
-
1.00
0.85
0.71
0.55
-
ADC1
2.01
1.84
1.65
1.52
-
0.97
0.82
0.69
0.53
-
ADC1 indep(1)
1.43
1.30
1.17
1.06
-
0.69
0.58
0.48
0.37
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com