Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 191 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 187Page - STMicroelectronics STM32U575VG Datasheet HTML 188Page - STMicroelectronics STM32U575VG Datasheet HTML 189Page - STMicroelectronics STM32U575VG Datasheet HTML 190Page - STMicroelectronics STM32U575VG Datasheet HTML 191Page - STMicroelectronics STM32U575VG Datasheet HTML 192Page - STMicroelectronics STM32U575VG Datasheet HTML 193Page - STMicroelectronics STM32U575VG Datasheet HTML 194Page - STMicroelectronics STM32U575VG Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 329 page
background image
IDD(VBAT with
RTC)
Supply current in VBAT
mode (backup registers
retained),
RTC enabled
RTC(2) clocked
by LSE quartz in
medium low-drive
mode,
LPCAL = 1 in
RTC_CALR
1.8
0.37
0.52
1.25
2.90
8.15
-
-
-
-
-
µA
2.4
0.39
0.56
1.35
3.00
8.45
-
-
-
-
-
3.0
0.44
0.66
1.60
3.50
9.45
-
-
-
-
-
3.3
0.54
0.85
2.10
4.60
12.00
-
-
-
-
-
3.6
0.76
1.20
2.65
5.40
13.50
-
-
-
-
-
IDD(BKPSRAM)
Supply current to be added
in VBAT mode when backup
SRAM is retained
-
1.8
0.12
0.19
0.41
0.85
1.75
0.26
0.44
1.10
2.50
5.20
2.4
0.12
0.19
0.45
0.95
1.90
0.26
0.45
1.30
2.80
5.60
3.0
0.12
0.20
0.50
1.05
2.40
0.28
0.49
1.40
3.10
7.10
3.3
0.13
0.22
0.50
1.10
2.50
0.31
0.54
1.40
3.20
7.40
3.6
0.14
0.22
0.50
1.20
2.50
0.36
0.55
1.40
3.50
7.40
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration except otherwise specified
Table 70. Current consumption in VBAT mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VBAT (V) 25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com