Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 190 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 190 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 186Page - STMicroelectronics STM32U575VG Datasheet HTML 187Page - STMicroelectronics STM32U575VG Datasheet HTML 188Page - STMicroelectronics STM32U575VG Datasheet HTML 189Page - STMicroelectronics STM32U575VG Datasheet HTML 190Page - STMicroelectronics STM32U575VG Datasheet HTML 191Page - STMicroelectronics STM32U575VG Datasheet HTML 192Page - STMicroelectronics STM32U575VG Datasheet HTML 193Page - STMicroelectronics STM32U575VG Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 329 page
background image
Table 70. Current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VBAT (V) 25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C
IDD(VBAT)
Supply current in VBAT
mode (backup registers
retained),
RTC disabled
-
1.8
0.12
0.27
1.00
2.60
7.70
0.36
0.67
2.50
6.50
20.00
µA
2.4
0.13
0.29
1.05
2.70
8.10
0.39
0.72
2.70
6.80
21.00
3.0
0.16
0.37
1.30
3.20
9.10
0.50
0.93
3.30
8.00
23.00
3.3
0.25
0.56
1.80
4.25
11.50
0.78
1.40
4.50
11.00
29.00
3.6
0.46
0.89
2.35
5.00
13.00
1.50
2.30
5.90
13.00 33.00
IDD(VBAT with
RTC)
Supply current in VBAT
mode (backup registers
retained),
RTC enabled
RTC(2) clocked
by LSE bypassed
at 32768 Hz
1.8
0.40
0.56
1.30
2.80
7.65
0.68
0.99
2.90
6.80
20.00
2.4
0.48
0.65
1.45
3.05
8.30
0.78
1.20
3.10
7.20
21.00
3.0
0.62
0.85
1.80
3.75
9.65
1.10
1.50
3.80
8.70
24.00
3.3
0.78
1.10
2.35
4.90
12.50
1.40
2.00
5.20
12.00 30.00
3.6
1.10
1.55
3.00
5.80
13.50
2.20
3.00
6.60
14.00 34.00
RTC(2) clocked
by LSE bypassed
at 32768 Hz,
LPCAL = 1 in
RTC_CALR
1.8
0.31
0.47
1.20
2.70
7.55
0.89
1.30
3.10
6.90
20.00
2.4
0.36
0.53
1.30
2.95
8.15
1.10
1.40
3.40
7.50
21.00
3.0
0.46
0.69
1.65
3.55
9.50
1.40
1.90
4.20
9.00
24.00
3.3
0.60
0.93
2.20
4.70
12.00
1.80
2.40
5.60
12.00 31.00
3.6
0.87
1.35
2.80
5.60
13.50
2.60
3.50
7.10
15.00 34.00
RTC(2) clocked
by LSE quartz in
medium low-drive
1.8
0.45
0.61
1.35
2.95
8.25
-
-
-
-
-
2.4
0.51
0.67
1.45
3.15
8.60
-
-
-
-
-
3.0
0.60
0.81
1.75
3.65
9.60
-
-
-
-
-
3.3
0.71
1.00
2.25
4.80
12.50
-
-
-
-
-
3.6
0.96
1.40
2.85
5.60
13.50
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com