Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 184Page - STMicroelectronics STM32U575VG Datasheet HTML 185Page - STMicroelectronics STM32U575VG Datasheet HTML 186Page - STMicroelectronics STM32U575VG Datasheet HTML 187Page - STMicroelectronics STM32U575VG Datasheet HTML 188Page - STMicroelectronics STM32U575VG Datasheet HTML 189Page - STMicroelectronics STM32U575VG Datasheet HTML 190Page - STMicroelectronics STM32U575VG Datasheet HTML 191Page - STMicroelectronics STM32U575VG Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 329 page
background image
IDD(SRAM2)
Supply current to be
added in Standby mode
when full SRAM2 and
BKPSRAM are retained
SMPS
1.8
0.97
2.23
6.55
14.25 31.40
3.50
6.70
20.00 43.00
95.00
µA
2.4
0.63
1.48
4.40
9.44
19.50
2.30
4.50
14.00 29.00
59.00
3.0
0.67
1.51
4.50
9.90
21.60
2.50
4.60
14.00 30.00
65.00
3.3
0.56
1.35
4.05
8.90
19.60
2.10
4.10
13.00 27.00
59.00
3.6
0.55
1.19
3.53
7.80
17.40
2.00
3.60
11.00 24.00
53.00
IDD(SRAM2_8K)
Supply current to be
added in Standby mode
when SRAM2 8-Kbyte
page 1 and BKPSRAM
are retained
1.8
0.34
0.78
2.21
4.75
10.40
1.30
2.40
6.70
15.00
32.00
2.4
0.24
0.52
1.45
3.04
6.80
0.85
1.60
4.40
9.20
21.00
3.0
0.25
0.50
1.45
3.10
6.80
0.89
1.50
4.40
9.30
21.00
3.3
0.17
0.42
1.23
2.70
6.00
0.63
1.30
3.70
8.10
18.00
3.6
0.18
0.33
0.86
2.10
4.80
0.65
0.99
2.60
6.30
15.00
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but LPCAL = 1 in RTC_CALR.
3. Current consumption with IWDG enabled is similar.
Table 66. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD (V) 25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C
Table 67. Current consumption during wakeup from Standby mode
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V)
25°C
QDD(wakeup from Standby)
Electrical charge consumed during wakeup from
Standby mode
Wakeup clock is MSI 4 MHz
3.0
404
nAs
Wakeup clock is MSI 1 MHz
602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com