Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 24 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 24 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
SH79F166A
24
7.4 SSP Function
The SH79F166A provides SSP (Self Sector Programming) function, each sector can be sector erased or programmed by the
user’s code if the selected sector is not be protected. But once sector has been programmed, it cannot be reprogrammed
before sector erase.
The SH79F166A builds in a complex control flow to prevent the code from carelessly modification. If the dedicated conditions
are not met (IB_CON2-5), the SSP will be terminated.
7.4.1 SSP Register
Table 7.4 Offset Register for Programming
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
-
-
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
0
0
0
0
0
0
For Flash memory, one sector is 1024 bytes
Bit Number
Bit Mnemonic
Description
5-2
XPAGE[5:2]
Sector of the flash memory to be programmed, 000000---means sector 0, and so on
1-0
XPAGE[1:0]
High Address of Offset of the flash memory sector to be programmed
For EEPROM-like memory, one sector is 256 bytes
Bit Number
Bit Mnemonic
Description
5-2
XPAGE[5:2]
Reserved
1-0
XPAGE[1:0]
Sector of the flash memory to be programmed, 00---means sector 0, and so on
Table 7.5 Offset of Flash Memory for Programming
FBH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_OFFSET
IB_OFF
SET.7
IB_OFF
SET.6
IB_OFF
SET.5
IB_OFF
SET.4
IB_OFF
SET.3
IB_OFF
SET.2
IB_OFF
SET.1
IB_OFF
SET.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_OFFSET[7:0] Low Address of Offset of the flash memory sector to be programmed
Table 7.6 Data Register for Programming
FCH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_DATA
IB_DATA.7 IB_DATA.6 IB_DATA.5 IB_DATA.4 IB_DATA.3 IB_DATA.2 IB_DATA.1 IB_DATA.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_DATA[7:0]
Data to be programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com