Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 88 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 88 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 113 page
background image
SH79F166A
88
Table 8.27 ADC定时控制寄存器
94H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADT
TADC2
TADC1
TADC0
-
TS3
TS2
TS1
TS0
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-5
TADC[2:0]
ADC Clock Period Select bits
000: ADC Clock Period tAD = 2 tSYS
001: ADC Clock Period tAD = 4 tSYS
010: ADC Clock Period tAD = 6 tSYS
011: ADC Clock Period tAD = 8 tSYS
100: ADC Clock Period tAD = 12 tSYS
101: ADC Clock Period tAD = 16 tSYS
110: ADC Clock Period tAD = 24 tSYS
111: ADC Clock Period tAD = 32 tSYS
3-0
TS[3:0]
Sample time select bits
2 tAD
≤ Sample time = (TS [3:0]+1) * tAD ≤ 15 tAD
Note:
(1) Make sure that tAD ≧ 1µs;
(2) The minimum sample time is 2 tAD, even TS[3:0] = 0000;
The maximum sample time is 15 tAD , even TS[3:0] = 1111;
(3) Evaluate the series resistance connected with ADC input pin before set TS[3:0];
(4) Be sure that the series resistance connected with ADC input pin is no more than 10k
Ω when 2 t
AD sample time is selected;
(5) Total conversion time is: 12 tAD + sample time.
For Example
System Clock
(SYSCLK)
TADC[2:0]
tAD
TS[3:0]
Sample Time
Conversion Time
32.768kHz
000
30.5*2=61
µs
0000
2*61=122
µs
12*61+122=854
µs
000
30.5*2=61
µs
0111
8*61=488
µs
12*61+488=1220
µs
000
30.5*2=61
µs
1111
15*61=915
µs
12*61+915=1647
µs
111
30.5*32=976
µs
0000
2*976=1952
µs
12*976+1952=13664
µs
111
30.5*32=976
µs
0111
8*976=7808
µs
12*976+7808=19520
µs
111
30.5*32=976
µs
1111
15*976=14640
µs
12*976+14640=26352
µs
4MHz
000
0.25*2=0.5
µs
-
-
(tAD < 1µs, not recommended)
001
0.25*4=1
µs
0000
2*1=2
µs
12*1+2=14
µs
001
0.25*4=1
µs
0111
8*1=8
µs
12*1+8=20
µs
001
0.25*4=1
µs
1111
15*1=15
µs
12*1+15=27
µs
111
0.25*32=8
µs
0000
2*8=16
µs
12*8+16=112
µs
111
0.25*32=8
µs
0111
8*8=64
µs
12*8+64=160
µs
111
0.25*32=8
µs
1111
15*8=120
µs
12*8+120=216
µs
12MHz
000
0.083*2=0.166
µs
-
-
(tAD < 1µs, not recommended)
100
0.083*12=1
µs
0000
2*1=2
µs
12*1+2=14
µs
100
0.083*12=1
µs
0111
8*1=8
µs
12*1+8=20
µs
100
0.083*12=1
µs
1111
15*1=15
µs
12*1+15=27
µs
111
0.083*32=2.7
µs
0000
2*2.7=5.4
µs
12*2.7+5.4=37.8
µs
111
0.083*32=2.7
µs
0111
8*2.7=21.6
µs
12*2.7+21.6=54
µs
111
0.083*32=2.7
µs
1111
15*2.7=40.5
µs
12*2.7+40.5=72.9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com