Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 98 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 98 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
SH79F166A
98
8.12 Code Option
OP_SCM:
0: SCM is invalid in warm up period
1: SCM is valid in warm up period
OP_LEDCOM:
0: LED common signal is normal (default)
1: LED common signal is inverted
OP_WDTPD:
0: Disable WDT function in Power-Down mode
1: Enable WDT function in Power-Down mode
OP_WDT:
0: Disable WDT function
1: Enable WDT function
OP_LVREN:
0: Disable LVR function
1: Enable LVR function
OP_LVRLE:
0: 4.3V LVR level 1
1: 2.1V LVR level 2
OP_RST:
0: P5.2 used as RST pin
1: P5.2 used as I/O pin
OP_WMT: (unavailable for 32kHz crystal and Internal RC)
00: longest warm up time
01: longer warm up time
10: shorter warm up time
11: shortest warm up time
OP_OSC:
0000: Oscillator1 is internal 12M RC, oscillator2 is disabled
0011: Oscillator1 is internal 128k RC, oscillator2 is internal 12M RC
0110: Oscillator1 is internal 128k RC, oscillator2 is 2M-12M cyrstal/cearmic oscillator
1010: Oscillator1 is 32.768k crystal oscillator, oscillator2 is internal 12M RC
1101: Oscillator1 is 32.768k crystal oscillator, oscillator2 is 2M-12M cyrstal/cearmic oscillator
1110: Oscillator1 is 2M-12M cyrstal/cearmic oscillator, oscillator2 is disabled
Others: Oscillator1 is internal 12M RC, oscillator2 is disabled
OP_OSCDRIVE:
011: 8M-12M crystal
001: 4M crystal
111: 12M ceramic
101: 8M ceramic
110: 4M ceramic
100: 2M ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com