Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 36 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 36 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
SH79F166A
36
Table 7.19 PORT0 Share Table
Pin No.
Priority
Function
Enable bit
43
1
SEG17
Clear DISPSEL bit in DISPCON register and set P0S0 bit in P0SS register
2
P0.0
Above condition is not met
44
1
SEG18
Clear DISPSEL bit in DISPCON register and set P0S1 bit in P0SS register
2
P0.1
Above condition is not met
1
1
PWM01
Set EPWM01 bit in PWMEN register
2
SEG19
Clear DISPSEL bit in DISPCON register and set P0S2 bit in P0SS register
3
P0.2
Above condition is not met
2
1
PWM0
Set EPWM0 bit in PWMEN register
2
T4
Set TR4 bit and T4CLKS bit in T4CON register (Auto Pull up) or clear T4CLKS
bit and set TC4 bit or set TR4 bit in Mode2
3
P0.3
Above condition is not met
3
1
T2EX
In mode0, 2, 3, set EXEN2 bit in T2CON register, or in mode 1 set DCEN bit in
T2MOD register or in mode1, clear DCEN bit and set EXEN2 bit (Auto Pull up)
2
INT0
Set EX0 bit in IEN0 Register and Port0.4 is in input mode
3
P0.4
Above condition is not met
4
1
T2
Set TR2 bit and C/T
----
2
----
bit in T2CON register (Auto Pull up) or clear C/T
----
2
----
bit and
set T2OE bit in T2MOD register
2
INT1
Set EX1 bit in IEN0 Register and Port0.5 is in input mode
3
P0.5
Above condition is not met
5
1
XTALX2
Selected by Code Option
2
INT2
Set EX2 bit in IEN1 Register and Port0.6 is in input mode
3
P0.6
Above condition is not met
6
1
XTALX1
Selected by Code Option
2
INT3
Set EX3 bit in IEN1 Register and Port0.7 is in input mode
3
P0.7
Above condition is not met
PORT1:
- LED Segment 1-8 (P1.0-P1.7)
- LCD Segment 1-8 (P1.0-P1.7)
Table 7.20 PORT1 Share Table
Pin No.
Priority
Function
Enable bit
27-34
1
LED S1-8
Set DISPSEL bit in DISPCON register and set P1S0-P1S7 bit in P0SS register
2
LCD SEG1-8 Clear DISPSEL bit in DISPCON register and set P1S0-P1S7 bit in P0SS register
3
P1.0-P1.7
Above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com