Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 50 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 50 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
SH79F166A
50
7.8.5 Timer5
Timer5 is a 16-bit auto-reload timer. It is accessed as two cascaded data registers: TH5 and TL5. It is controlled by the T5CON
register. The interrupt can be enabled by setting ET5 bit in IEN0 register (Refer to interrupt Section for details).
When writing to TH5 and TL5, they are used as timer load register. When reading from TH5 and TL5, they are used as timer
counter register. Setting the TR5 bit enables Timer5 to count up. The timer will overflow from 0xFFFF to 0x0000 and set the TF5
bit. This overflow also causes the 16-bit value written in timer load register to be reloaded into the timer counter register. Writing
to TH4 also can cause the 16-bit value written in timer load register to be reloaded into the timer counter register.
Read or write operation to TH5 and TL5 should follow these steps:
Write operation:Low nibble first,High nibble to update the counter.
Read operation:High nibble first,Low nibble followed.
Timer5 Modes
Timer5 has one operating modes: 16-bit auto-reload counter/timer.
Mode0: 16 bit Auto-Reload Counter/Timer
Timer5 operates as 16-bit counter/timer in Mode 0. The TH5 register holds the high eight bits of the 16-bit counter/timer, TL5
holds the low eight bits. As the 16-bit timer register increments and overflows from 0xFFFF to 0x0000, the timer overflow flag
TF5 (T5CON.7) is set and the 16-bit value in timer load register are reloaded into timer counter register, and an interrupt will
occur if Timer 5 interrupts is enabled. The T4CLKS bit (T4CON.0) selects the counter/timer's clock source.
Setting the TR5 bit (T5CON.1) enables the timer. Setting TR5 does not force the timer to reset. The timer load register should
be loaded with the desired initial value before the timer is enabled.
TF5
The Block Diagram of Mode 0 of Timer 5
TL5
TH5
Increment Mode
0:Switch Off
1:Switch On
16 bit Counter
Interrupt
Request
Overflow
Flag
TR5
System Clock
Prescaler
1,8,64,256
T5PS[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com