Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 6 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 6 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
SH79F166A
6
5.
Pin Description
Pin No.
Type
Description
I/O PORT
P0.0 - P0.7
I/O
8 bit General purpose CMOS I/O
P1.0 - P1.7
I/O
8 bit General purpose CMOS I/O
P2.0 - P2.7
I/O
8 bit General purpose CMOS I/O
P3.0 - P3.7
I/O
8 bit General purpose CMOS I/O
P4.0 - P4.4
I/O
5 bit General purpose CMOS I/O
P5.0 - P5.3
I/O
4 bit General purpose CMOS I/O
Timer
T2
I/O
Timer2 external input
T3
I
Timer3 external input
T4
I/O
Timer4 external input/Comparator output
T2EX
I
Timer2 Reload/Capture/Direction Control
PWM
PWM0
O
Output pin for 12-bit PWM timer
PWM01
O
Output pin for 12-bit PWM timer with fixed phase relationship of PWM0
FLT
I
PWM Fault Detect input
EUART
RXD
I
EUART data input
TXD
O
EUART data output
ADC
AN0 - AN7
I
ADC input channel
AVREF
I
External ADC reference voltage input
LCD
COM1 - COM8
O
Common signal output for LCD display
SEG1 - SEG19
O
Segment signal output for LCD display
LED
LED_C1 - LED_C8
O
Common signal output for LED display
LED_S1 - LED_S8
O
Segment signal output for LED display
Interrupt & Reset & Clock & Power
INT0 - INT3
I
External interrupt 0-3 input source
INT40 - INT43
I
External interrupt 40-43 input source
RST
————
I
The device will be reset by A low voltage on this pin longer than 10us, an internal
resistor about 30k
Ω to VDD, So using only an external capacitor to GND can cause
a power-on reset.
XTAL1
I
Oscillator input
XTAL2
O
Oscillator output
XTALX1
I
OscillatorX input
XTALX2
O
OscillatorX output
VSS
P
Ground
VDD
P
Power supply (2.0 - 5.5V)
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com