Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 34 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 34 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 113 page
background image
SH79F166A
34
Table 7.17 Port Data Register
80H - C0H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
P0 (80H, Bank0)
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
P1 (90H, Bank0)
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
P2 (A0H, Bank0)
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
P3 (B0H, Bank0)
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
P4 (C0H, Bank0)
-
-
-
P4.4
P4.3
P4.2
P4.1
P4.0
P5 (80H, Bank1)
-
-
-
-
P5.3
P5.2
P5.1
P5.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
Px.y
x = 0-5, y = 0-7
Port Data Register
Table 7.18 Port mode select Register
EFH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
P0OS
-
-
P0OS.5
P0OS.4
-
-
-
-
R/W
-
-
R/W
R/W
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN)
-
-
0
0
-
-
-
-
Bit Number
Bit Mnemonic
Description
5-4
P0OS.x
x = 5-4
Port output mode select
0: Port output mode is CMOS
1: Port output mode is N-channel open drain
Note: P0.4, P0.5 are configured as N-channel open drain I/O, but voltage provided for this pin can’t exceed VDD+0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com