Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 29 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 29 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
SH79F166A
29
7.5.4 Register
Table 7.13 System Clock Control Register
B2H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLKCON
32k_SPDUP
CLKS1
CLKS0
SCMIF
HFON
FS
-
-
R/W
R/W
R/W
R/W
R
R/W
R/W
-
-
Reset Value
(POR/WDT/LVR/PIN)
1
1
1
0
0
0
-
-
Bit Number
Bit Mnemonic
Description
7
32k_SPDUP
32.768kHz oscillator speed up mode control bit
0: 32.768kHz oscillator normal mode, cleared by software.
1: 32.768kHz oscillator speed up mode, set by hardware or software.
This control bit is set by hardware automatically in all kinds of RESET such as
Power on reset, watch dog reset etc. to speed up the 32.768kHz Oscillator
oscillating, shorten the 32.768kHz oscillator start-oscillating time.
And this bit also can be set or cleared by software if necessary. Such as set before
entering Power-down mode and cleared when Power-down mode wakes up.
It should be noticed that turning off 32.768kHz oscillator speed up (clear this bit)
could reduce the system power consumption.
Only when code option OP_OSC is 1010 or 1101, this bit is valid. (32.768kHz
oscillator is selected, Refer to code option section for details)
6-5
CLKS[1:0]
SYSCLK Prescaler Register
00: fSYS = fOSCS
01: fSYS = fOSCS/2
10: fSYS = fOSCS/4
11: fSYS = fOSCS/12
If 32.768kHz oscillator is selected as OSCSCLK, these control bits is invalid.
3
HFON
OSCXCLK On control Register
0: Cleared to turn off OSCXCLK
1: Set to turn on OSCXCLK
Only when code option OP_OSC is 0010,0011,0101,1010,1101. this bit is valid.
(32.768kHz oscillator/128kHz internal RC is selected, Refer to code option
section for details)
2
FS
Frequency Select Register
0: 32.768kHz/128kHz is selected as OSCSCLK
1: OSCXCLK is selected as OSCSCLK
Only when code option OP_OSC is 0010,0011,0101,1010,1101. this bit is valid.
(32.768kHz oscillator/128kHz internal RC is selected, Refer to code option
section)
Note:
1. If code option OP_OSC is 0011, 1010, OSCXCLK is Internal 12M RC; if code option OP_OSC is 0110 or 1101, OSCXCLK is
crystal or ceramic at XTALX.
2. HFON and FS is valid only when code option OP_OSC is 0011, 0110, 1010, 1101.
3. When OSCXCLK is used as OSCSCLK (that is HFON = 1 and FS = 1), HFON is can’t be cleared by software.
4. When OSCSCLK changed from 32.768kHz/128kHz to OSCXCLK, if OSCXCLK is off, the steps below must be done in
sequence:
a. Set HFON = 1 to turn on the OSCXCLK
b. Wait at least Oscillator Warm-up timer (Refer to Warm-up Timer section for details)
c. Set FS = 1 to select OSCXCLK as OSCSCLK
5. When OSCSCLK changed from OSCXCLK to 32.768kHz/128kHz, the steps below must be done in sequence:
a. Clear FS to turn off the OSCXCLK
b. Add one nop
c. Clear HFON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com