Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 71 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 71 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
SH79F166A
71
8.3.3 PWM Timer Lock Register
This register is used to control the change of PWM timer enable register, PWM control register, PWM period register, PWM duty
register and PWM dead time control register. Only when the data in this register is #55h, it is possible to change these register.
Otherwise they cannot be changed.
This register is to enhance the anti-noise ability of SH79F166A.
Table 8.14 PWM Timer Lock Register
E7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWMLO
PWMLO.7 PWMLO.6 PWMLO.5 PWMLO.4 PWMLO.3 PWMLO.2 PWMLO.1 PWMLO.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
PWMLO[7:0]
PWM lock register
55h: enable to change PWM related registers
else: disable to change PWM related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com