Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 27 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 27 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 113 page
background image
SH79F166A
27
7.4.3 SSP Programming Notice
To successfully complete SSP programming, the user’s software must following the steps below:
(1) For Code/Data Programming:
1. Disable interrupt;
2. Fill in the XPAGE, IB_OFFSET for the corresponding address;
3. Fill in IB_DATA if programming is wanted;
4. Fill in IB_CON1-5 sequentially;
5. Add 4 nops for more stable operation;
6. Code/Data programming, CPU will be in IDLE mode;
7. Go to Step 2 if more data are to be programmed;
8. Clear XPAGE; enable interrupt if necessary.
(2) For Sector Erase:
1. Disable interrupt;
2. Fill in the XPAGE for the corresponding sector;
3. Fill in IB_CON1-5 sequentially;
4. Add 4 NOPs for more stable operation;
5. Sector Erase, CPU will be in IDLE mode;
6. Go to step 2 if more sectors are to be erased;
7. Clear XPAGE; enable interrupt if necessary.
(3) For Code Reading:
Just Use “MOVC A, @A+DPTR” or “MOVC A, @A+PC”.
(4) For EEPROM-Like:
Steps is same as code programming,the diffenrences are:
1.Set FAC bit in FLASHCON register before programming or erase EEPROM-Like;
2.One sector of EEPROM-Like is 256 bytes.not 1024 bytes.
Table 7.12 Flash Access Control Register
A7H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
FLASHCON
-
-
-
-
-
-
-
FAC
R/W
-
-
-
-
-
-
-
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
-
0
Bit Number
Bit Mnemonic
Description
0
FAC
FAC: Flash access control
0: MOVC or SSP access main memory
1: MOVC or SSP access EEPROM-like



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com