Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 89 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 89 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 113 page
background image
SH79F166A
89
Table 8.28 ADC Channel Configure Register
95H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADCH
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
CH[7:0]
Channel Configuration bits
0: P4.0-P4.3,P3.4-P3.7 are I/O port
1: P4.0-P4.3,P3.4-P3.7 are ADC input port
Table 8.29 AD Converter Data Register (Compare Value Register)
96H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADDL
-
-
-
-
-
-
A1
A0
R/W
-
-
-
-
-
-
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
0
0
97H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADDH
A9
A8
A7
A6
A5
A4
A3
A2
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
1-0
7-0
A9-A0
ADC Data register
Digital Value of sampled analog voltage, updated when conversion is completed
If ADC Compare function is enabled (EC = 1), this is the value to be compared
with the analog input
The Approach for AD Conversion:
(1) Select the analog input channels and reference voltage.
(2) Enable the ADC module with the selected analog channel.
(3) Set GO/DONE
————
= 1 to start the AD conversion.
(4) Wait until GO/DONE
————
= 0 or ADCIF = 1, if the ADC interrupt is enabled, the ADC interrupt will occur.
(5) Acquire the converted data from ADDH/ADDL.
(6) Repeat step 3-5 if another conversion is required.
The Approach for Digital Compare Function:
(1) Select the analog input channels and reference voltage.
(2) Set ADDH/ADDL to the compare value.
(3) Set EC = 1 to enable compare function.
(4) Enable the ADC module with the selected analog channel.
(5) Set GO/DONE
————
= 1 to start the compare function.
(6) If the analog input is lager than compare value set in ADDH/ADDL, the ADCIF will be set to 1. if the ADC interrupt is enabled,
the ADC interrupt will occur.
(7) The compare function will continue work until the GO/DONE
————
bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com