Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 38 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 38 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
SH79F166A
38
PORT4:
- INT40-INT43 (P4.0-P4.3): External interrupt input
- AN0-AN3 (P4.0-P4.3): ADC input channel
- AVREF (P4.4): ADC reference voltage
Table 7.23 PORT4 Share Table
Pin No.
Priority
Function
Enable bit
14
1
AVREF
Set REFC bit in ADCON register
2
P4.4
Above condition is not met
15-18
1
AN3-AN0
Set CH3-0 bit in ADCH Register and
set ADON bit in ADCON Register, and set SCH [2:0]
2
INT43-INT40
Set EX4 bit in IEN1 register and EXS43-40 bit in IENC register, P4.3-P4.0 in
input mode
3
P4.3-P4.0
Above condition is not met
PORT5:
- XTAL1 (P5.0): XTAL input
- XTAL2 (P5.1): XTAL output
- RST
———
(P5.2): system reset pin
- BUZ (P5.3): Buzzer output
- T3 (P5.3): Timer3 external input
Table 7.24 PORT5 Share Table
Pin No.
Priority
Function
Enable bit
8
1
XTAL1
Selected by Code Option
2
P5.0
Above condition is not met
9
1
XTAL2
Selected by Code Option
2
P5.1
Above condition is not met
10
1
RST
———
Selected by Code Option
2
P5.2
Above condition is not met
11
1
BUZ
Set BZEN bit in BUZCON register
2
T3
Set TR3 bit in T3CON register and T3CLKS[1:0] = 01 (Auto Pull up)
3
P5.3
Above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com