Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 83 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 83 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 113 page
background image
SH79F166A
83
8.4.6 Register
Table 8.21 EUART Control & Status Register
98H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SCON
SM0
/FE
SM1
/RXOV
SM2
/TXCOL
REN
TB8
RB8
TI
RI
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-6
SM[0:1]
EUART Serial mode control bit, when SSTAT = 0
00: mode 0, Synchronous Mode, fixed baud rate
01: mode 1, 8 bit Asynchronous Mode, variable baud rate
10: mode 2, 9 bit Asynchronous Mode, fixed baud rate
11: mode 3, 9 bit Asynchronous Mode, variable baud rate
7
FE
EUART Frame Error flag, when FE bit is read, SSTAT bit must be set 1
0: No Frame Error, clear by software
1: Frame error occurs, set by hardware
6
RXOV
EUART Receive Over flag, when RXOV bit is read, SSTAT bit must be set 1
0: No Receive Over, clear by software
1: Receive over occurs, set by hardware
5
SM2
EUART Multi-processor communication enable bit (9
th bit ‘1’ checker), when
SSTAT = 0
0: In Mode0, baud-rate is 1/12 of system clock
In Mode1, disable stop bit validation check, any stop bit will set RI to
generate interrupt
In Mode2 & 3, any byte will set RI to generate interrupt
1: In Mode0, baud-rate is 1/4 of system clock
In Mode1, Enable stop bit validation check, only valid stop bit (1) will set RI to
generate interrupt
In Mode2 & 3, only address byte (9
th bit = 1) will set RI to generate interrupt
5
TXCOL
EUART Transmit Collision flag, when TXCOL bit is read, SSTAT bit must be
set 1
0: No Transmit Collision, clear by software
1: Transmit Collision occurs, set by hardware
4
REN
EUART Receiver enable bit
0: Receive Disable
1: Receive Enable
3
TB8
The 9th bit to be transmitted in Mode2 & 3 of EUART, set or clear by software
2
RB8
The 9th bit to be received in Mode1, 2 & 3 of EUART
In Mode0, RB8 is not used
In Mode1, if receive interrupt occurs, RB8 is the stop bit that was received
In Modes2 & 3 it is the 9
th bit that was received
1
TI
Transmit interrupt flag of EUART
0: cleared by software
1: Set by hardware at the end of the 8
th bit time in Mode0, or at the beginning of
the stop bit in other modes
0
RI
Receive interrupt flag of EUART
0: cleared by software
1: Set by hardware at the end of the 8
th bit time in Mode0, or during the stop bit
time in other modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com