Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 45 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 45 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
SH79F166A
45
7.8.3 Timer3
Timer3 is a 16-bit auto-reload timer. It is accessed as two cascaded Data Registers: TH3 and TL3. It is controlled by the T3CON
register. The Timer3 interrupt can be enabled by setting ET3 bit in IEN1 register (Refer to Interrupt Section for details).
Timer3 has only one operating mode: 16-bit Counter/Timer with auto-reload. Timer3 also supports the following features:
selectable pre-scaler setting and Operation during CPU Power-Down mode.
Timer3 consists of a 16-bit counter/reload register (TH3, TL3). When writing to TH3 and TL3, they are used as timer load
register. When reading from TH3 and TL3, they are used as timer counter register. Setting the TR3 bit enables Timer 3 to count
up. The Timer will overflow from 0xFFFF to 0x0000 and set the TF3 bit. This overflow also causes the 16-bit value written in
timer load register to be reloaded into the timer counter register. Writing to TH3 also can cause the 16-bit value written in timer
load register to be reloaded into the timer counter register.
Read or write operation to TH3 and TL3 should follow these steps:
Write operation: Low nibble first, High nibble to update the counter
Read operation: High nibble first, Low nibble followed.
TF3
The Block Diagram of Timer3
TL3
TH3
Increment Mode
0:Switch Off
1:Switch On
16-bit Counter
Interrupt
Request
Overflow
Flag
TR3
System Clock
Prescaler
1,8,64,256
T3PS[1:0]
T3CLKS[1:0]
00
01
10
T3
32.768kHz
Crystal
Timer3 can operate even in Power-Down mode.
When OP_OSC[3:0] (Refer to Code Option Section for details) is 1010, 1101, 0011 or 0110, T3CLKS [1:0] can select 00, 01 or
10. When OP_OSC[3:0] is not 1010, 1101, 0011 or 0110, T3CLKS[1:0] can select 00 or 01, and 10 will be an invalid value.
If T3CLKS[1:0] is 00, Timer 3 can’t work in Power Down mode. If T3CLKS[1:0] is 01 and external clock input from T3 Pin,
Timer3 can work in CPU normal operating or Power Down mode. If T3CLKS[1:0] is 10 and OP_OSC[3:0] is 1010, 1101, 0011
or 0110, Timer3 can work in CPU normal operating or Power Down mode (entering Power Down mode when system clock is
high frequency). If T3CLKS[3:0] is 10 and OP_OSC[2:0] is not1010, 1101, 0011 or 0110, Timer3 can’t work. It can be described
in the following table.
OP_OSC[3:0]
T3CLKS[1:0]
Can work in normal mode
Can work in Power Down mode
1010, 1101, 0011 or 0110
00
YES
NO
01
YES
YES
10
YES
YES
Not 1010, 1101, 0011 or 0110
00
YES
NO
01
YES
YES
10
NO
NO
Note:
(1) When TH3 and TL3 read or written, must make sure TR3 = 0.
(2) When T3 is selected as Timer3 clock source and TR3 is set 0 to 1, the first T3 down edge will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com