Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 82 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 82 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
SH79F166A
82
Slave 1
Slave 2
SADDR
10100100
10100111
SADEN (0 mask)
11111010
11111001
Given Address
10100x0x
10100xx1
Broadcast Address (OR)
1111111x
11111111
The Given address for slave 1 and 2 differ in the LSB. For slave 1, it is a don’t care, while for slave 2 it is 1. Thus to communicate
only with slave 1, the master must send an address with LSB = 0 (10100000). Similarly the bit 1 is 0 for slave 1 and don’t care
for slave 2. Hence to communicate only with slave 2 the master has to transmit an address with bit 1 = 1 (1010 0011). If the
master wishes to communicate with both slaves simultaneously, then the address must have bit 0 = 1 and bit 1 = 0. The bit 2
position is don’t care for both the slaves. This allows two different addresses to select both slaves (1010 0001 and 1010 0101).
The master can communicate with all the slaves simultaneously with the Broadcast Address. This address is formed from the
logical OR of the SADDR and SADEN. The zeros in the result are defined as don’t cares. In most cases, the Broadcast Address
is FFh, this address will be acknowledged by all slaves.
On reset, the SADDR and SADEN are initialized to 00h. This results in Given Address and Broadcast Address being set as
XXXXXXXX (all bits don’t care). This effectively removes the multiprocessor communications feature, since any selectivity is
disabled. This ensures that the EUART 0 will reply to any address, which it is backwards compatible with the 80C51
microcontrollers that do not support automatic address recognition. So the user may implement multiprocessor by software
address recognition mentioned above.
8.4.5 Error Detection
Error detection is available when the SSTAT bit in register PCON is set to logic 1.The SSTAT bit must be logic 1 to access any
of the status bits (FE, RXOV, and TXCOL). The SSTAT bit must be logic 0 to access the Mode Select bits (SM0, SM1, and
SM2).All the 3 bits should be cleared by software after they are set, even when the following frames received without any error
will not be cleared automatically.
Transmit Collision
The Transmit Collision bit (TXCOL bit in register SCON) reads ‘1’ if RI is set 0 and user software writes data to the SBUF
register while a transmission is still in progress. If this occurs, the new data will be ignored and the transmit buffer will not be
written.
Receive Overrun
The Receive Overrun bit (RXOV in register SCON) reads ‘1’ if a new data byte is latched into the receive buffer before software
has read the previous byte. The previous data is lost when this happen.
Frame Error
The Frame Error bit (FE in register SCON) reads ‘1’ if an invalid (low) STOP bit is detected.
Break Detection
A break is detected when any 11 consecutive bits are sensed low. Since a break condition also satisfies the requirements for a
framing error, a break condition will also result in reporting a framing error. Once a break condition has been detected, the
EUART will go into an idle state and remain in this idle state until a valid stop bit (rising edge on RxD line) has been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com