Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 52 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 52 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
SH79F166A
52
7.9 Interrupt
7.9.1 Feature
 14 interrupt sources
 4 interrupt priority levels
The SH79F166A provides total 14 interrupt sources: 5 external interrupts (INT0/1/2/3/4; INT4 including INT40-43, which share
the same vector address), 4 timer interrupts (Timer2, 3, 4, 5), one EUART interrupt, ADC Interrupt, PWM interrupts, SCM
interrupt and LPD interrupt.
7.9.2 Interrupt Enable Control
Each interrupt source can be individually enabled or disabled by setting or clearing the corresponding bit in the interrupt enable
registers IEN0 or IEN1. The IEN0 register also contains global interrupt enable bit, EA, which can enable/disable all the
interrupts at once. Generally, after reset, all interrupt enable bits are set to 0, which means that all the interrupts are disabled.
Table 7.37 Primary Interrupt Enable Register
A8H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IEN0
EA
EADC
ET2
ES0
-
EX1
ET5
EX0
R/W
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
-
0
0
0
Bit Number
Bit Mnemonic
Description
7
EA
All interrupt enable bit
0: Disable all interrupt
1: Enable all interrupt
6
EADC
ADC interrupt enable bit
0: Disable ADC interrupt
1: Enable ADC interrupt
5
ET2
Timer2 overflow interrupt enable bit
0: Disable Timer2 overflow interrupt
1: Enable Timer2 overflow interrupt
4
ES0
EUART interrupt enable bit
0: Disable EUART interrupt
1: Enable EUART interrupt
2
EX1
External interrupt1 enable bit
0: Disable external interrupt1
1: Enable external interrupt1
1
ET5
Timer5 overflow interrupt enable bit
0: Disable Timer5 overflow interrupt
1: Enable Timer5 overflow interrupt
0
EX0
External interrupt0 enable bit
0: Disable external interrupt0
1: Enable external interrupt0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com