Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 59 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 59 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 113 page
background image
SH79F166A
59
7.9.8 External Interrupt Inputs
The SH79F166A has 5 external interrupt inputs. External interrupt0-3 each has one vector address. External interrupt 4 has 4
inputs; all of them share one vector address. These external interrupts can be programmed to be level-triggered or
edge-triggered by clearing or setting bit IT1 or IT0 in register TCON and register EXF1. If ITn = 0 (n = 0 - 1), external interrupt
0/1 is triggered by a low level detected at the INT0/1 pin. If ITn = 1 (n = 0 - 1), external interrupt 0/1 is edge triggered. In this
mode if consecutive samples of the INT0/1 pin show a high level in one cycle and a low level in the next cycle, interrupt request
flag in register r EXF1 is set, causing an interrupt request. Since the external interrupt pins are sampled once each machine
cycle, an input high or low level should be held for at least one machine cycle to ensure proper sampling.
If the external interrupt is edge-triggered, the external source has to hold the request pin high for at least one machine cycle,
and then hold it low for at least one machine cycle. This is to ensure that the transition is detected and that interrupt request flag
is set. Notice that IE0-1 is automatically cleared by CPU when the service routine is called while IF4x should be cleared by
software. External interrupt4 operates in the similar ways except have different registers and have more selection of trigger.
If the external interrupt is level-triggered, the external source must hold the request active until the requested interrupt is
generated, which will take 2 machine cycles. If the external interrupt is still asserted when the interrupt service routine is
completed, another interrupt will be generated. It is not necessary to clear the interrupt flag IEx (x = 0, 1, 2, 3) when the interrupt
is level sensitive, it simply tracks the input pin level.
If an external interrupt is enabled when the SH79F166A is put into Power down or Idle mode, the interrupt occurrence will cause
the processor to wake up and resume operation.
Note: IE0-3 is automatically cleared by CPU when the service routine is called while IF40-43 should be cleared by software.
1 Machine Cyle
>1 Machine Cycle
High-Level Threshold
Low-Level Threshold
Low-Level Threshold
>2 Machine Cycle
7.9.9 Interrupt Summary
Source
Vector
Address
Enable bits
Flag bits
Polling Priority
Interrupt number
(c language)
Reset
0000H
-
-
0 (higest)
-
INT0
0003H
EX0
IE0
2
0
Timer5
000BH
ET5
TF5
3
1
INT1
0013H
EX1
IE1
4
2
EUART
0023H
ES
RI+TI
5
4
Timer2
002BH
ET2
TF2+EXF2
6
5
ADC
0033H
EADC
ADCIF
7
6
INT2
0043H
EX2
IE2
9
8
INT3
004BH
EX3
IE3
10
9
INT4
0053H
EX4+IENC
IF43-40
11
10
Timer3
005BH
ET3
TF3
12
11
PWM
0063H
EPWM
PWMIF
13
12
Timer4
006BH
ET4
TF4
14
13
SCM/LPD
0073H
ESCM+ESCM1/ELPD
SCMIF/LPDF
15 (Lowest)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com