Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 94 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 94 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
SH79F166A
94
8.9.2 Register
Table 8.32 Reset Control Register
B1H, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RSTSTAT
WDOF
-
PORF
LVRF
CLRF
WDT.2
WDT.1
WDT.0
R/W
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value (POR)
0
-
1
0
0
0
0
0
Reset Value (WDT)
1
-
u
u
u
0
0
0
Reset Value (LVR)
u
-
u
1
u
0
0
0
Reset Value (PIN)
u
-
u
u
1
0
0
0
Bit Number
Bit Mnemonic
Description
7
WDOF
Watch Dog Timer Overflow or OVL Reset Flag
Set by hardware when WDT overflow or OVL reset happened, cleared by
software or Power On Reset
0: Watch Dog not overflows and no OVL reset generated
1: Watch Dog overflow or OVL reset occurred
5
PORF
Power On Reset Flag
Set only by Power On Reset, cleared only by software
0: No Power On Reset.
1: Power On Reset occurred.
4
LVRF
Low Voltage Reset Flag
Set only by Low Voltage Reset, cleared by software or Power On Reset
0: No Low Voltage Reset occurs
1: Low Voltage Reset occurred
3
CLRF
Pin Reset Flag
Set only by pin reset, cleared by software or Power On Reset
0: No Pin Reset occurs
1: Pin Reset occurred
2-0
WDT[2:0]
WDT Overflow period control bit
000: Overflow period minimal value= 4096 ms
001: Overflow period minimal value= 1024 ms
010: Overflow period minimal value = 256 ms
011: Overflow period minimal value = 128 ms
100: Overflow period minimal value = 64ms
101: Overflow period minimal value = 16ms
110: Overflow period minimal value = 4ms
111: Overflow period minimal value = 1ms
Notes: If WDT_opt is enable in application, you must clear WatchDog
periodically, and the interval must be less than the value list above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com