Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP/044PR Datasheet(PDF) 28 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AP/044PR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AP/044PR Datasheet(HTML) 28 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AP/044PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F166AP/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
SH79F166A
28
7.5 System Clock and Oscillator
7.5.1 Features
 Four oscillator types: 32.768kHz crystal, crystal oscillator, ceramic oscillator and 12MHz/128kHz internal RC
 4 Oscillator pin (XTAL1, XTAL2, XTALX1, XTALX2)
 Built-in 12MHz Internal RC
 Built-in 32.768kHz speed up circuit
 Built-in system clock prescaler
7.5.2 Clock Definition
The SH79F166A have several internal clocks defined as below:
OSCCLK: the oscillator clock from one of the four oscillator types (32.768kHz crystal oscillator, crystal oscillator,ceramic
oscillator and interal RC) fOSC is defined as the OSCCLK frequency. tOSC is defined as the OSCCLK period.
OSCXCLK: the oscillator clock from one of the three oscillator types (crystal oscillator, ceramic oscillator and interal RC) fOSCx
is defined as the OSCXCLK frequency. tOSCX is defined as the OSCXCLK period.
Note: OSCXCLK does not exist when code option OP_OSC is not 0011, 0110, 1010, 1101. (32.768kHz oscillator/128kHz
internal RC is not selected, Refer to code option section for details)
WDTCLK: the internal WDT RC clock. fWDT is defined as the WDTCLK frequency. tWDT is defined as the WDTCLK period.
OSCSCLK: the input of system clock prescaler. It can be OSCCLK or OSCXCLK. fOSCS is defined as the OSCSCLK frequency.
tOSCS is defined as the OSCSCLK period.
SYSCLK: system clock, the output of system clock prescaler. It is the CPU instruction clock. fSYS is defined as the SYSCLK
frequency. tSYS is defined as the SYSCLK period.
7.5.3 Description
SH79F166A has four oscillator types: 32.768kHz crystal oscillator, crystal oscillator (2MHz-12MHz), ceramic Oscillator
(2MHz-12MHz) and internal RC (12MHz,), which is selected by code option OP_OSC (Refer to code option section for details).
SH79F166A have 4 Oscillator pin (XTAL1, XTAL2, XTALX1, XTALX2) and can generates one or two clock sources from four
oscillator types. It is selected by code option OP_OSC (Refer to code option section for details). The oscillator generates the
basic clock pulse that provides the system clock to supply CPU and on-chip peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com