Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 62 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 58Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 59Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 60Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 61Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 62Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 63Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 64Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 65Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
62
T48C862-R3
4554A–4BMCU–02/03
Timer 3 Registers
Timer 3 Mode Register (T3M)
Address: "B"hex - Subaddress: "0"hex
Note:
1. In this mode, the SSI can be used only as demodulator (8-bit NRZ rising edge). All
other SSI modes are not allowed.
Bit 3Bit 2Bit 1Bit 0
T3M3
T3M2
T3M1
T3M0
Reset value: 1111b
T3M3
Timer 3 Mode select bit 3
T3M2
Timer 3 Mode select bit 2
T3M1
Timer 3 Mode select bit 1
T3M0
Timer 3 Mode select bit 0
Mode
T3M3
T3M2
T3M1
T3M0
Timer 3 Modes
11111
Timer/counter with a read access
21110
Timer/counter, external capture and external
trigger restart mode (T3I)
31101
Timer/counter, internal capture and internal
trigger restart mode (TOG2)
41100
Timer/counter mode 1 without output
(T2O -> T3O)
51011
Timer/counter mode 2 without output
(T2O -> T3O)
61010
Burst modulation with Timer 2 (M2)
71001
Burst modulation with shift register (SO)
81000
FSK modulation with shift register (SO)
90111
Pulse-width modulation with shift register (SO)
and Timer 2 (TOG2), internal trigger restart
(SCO) -> counter reset
10
0110
Manchester demodulation/pulse-width
demodulation (1) (T2O -> T3O)
11
0101
Biphase demodulation (T2O -> T3O)
12
0100
Timer/counter with external capture mode (T3I)
13
0011
Not allowed
14
0010
Not allowed
15
0001
Not allowed
16
0000
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com