Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 44 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 40Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 41Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 42Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 43Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 44Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 45Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 46Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 47Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 107 page
background image
44
T48C862-R3
4554A–4BMCU–02/03
Timer 2
8-/12-bit Timer for:
•
Interrupt, square-wave, pulse and duty cycle generation
•
Baud-rate generation for the internal shift register
•
Manchester and Biphase modulation together with the SSI
•
Carrier frequency generation and modulation together with the SSI
Timer 2 can be used as an interval timer for interrupt generation, as signal generator or
as baud-rate generator and modulator for the serial interface. It consists of a 4-bit and
an 8-bit up counter stage which both have compare registers. The 4-bit counter stages
of Timer 2 are cascadable as a 12-bit timer or as an 8-bit timer with 4-bit prescaler. The
timer can also be configured as an 8-bit timer and separate a 4-bit prescaler.
The Timer 2 input can be supplied via the system clock, the external input clock (T2I),
the Timer 1 output clock, the Timer 3 output clock or the shift clock of the serial inter-
face. The external input clock T2I is not synchronized with SYSCL. Therefore, it is
possible to use Timer 2 with a higher clock speed than SYSCL. Furthermore, with that
input clock the Timer 2 operates in the power-down mode SLEEP (CPU core -> sleep
and OSC-Stop -> yes) as well as in the POWER-DOWN (CPU core -> sleep and OSC-
Stop -> no). All other clock sources supplied no clock signal in SLEEP. The 4-bit counter
stages of Timer 2 have an additional clock output (POUT).
Its output has a modulator stage that allows the generation of pulses as well as the gen-
eration and modulation of carrier frequencies. The Timer 2 output can modulate with the
shift register data output to generate Biphase- or Manchester code.
If the serial interface is used to modulate a bitstream, the 4-bit stage of Timer 2 has a
special task. The shift register can only handle bitstream lengths divisible by 8. For other
lengths, the 4-bit counter stage can be used to stop the modulator after the right bitcount
is shifted out.
If the timer is used for carrier frequency modulation, the 4-bit stage works together with
an additional 2-bit duty cycle generator like a 6-bit prescaler to generate carrier fre-
quency and duty cycle. The 8-bit counter is used to enable and disable the modulator
output for a programmable count of pulses.
For programming the time interval, the timer has a 4-bit and an 8-bit compare register.
For programming the timer function, it has four mode and control registers. The compar-
ator output of stage 2 is controlled by a special compare mode register (T2CM). This
register contains mask bits for the actions (counter reset, output toggle, timer interrupt)
which can be triggered by a compare match event or the counter overflow. This archi-
tecture enables the timer function for various modes.
The Timer 2 has a 4-bit compare register (T2CO1) and an 8-bit compare register
(T2CO2). Both these compare registers are cascadable as a 12-bit compare register, or
8-bit compare register and 4-bit compare register.
For 12-bit compare data value:m = x +1
0
£ x £ 4095
For 8-bit compare data value: n = y +1
0
£ y £ 255
For 4-bit compare data value:l = z +1
0
£ z £ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com