Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 48 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 44Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 45Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 46Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 47Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 48Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 49Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 51Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
48
T48C862-R3
4554A–4BMCU–02/03
Toggle Mode C: A Timer 2 compare match toggles the output flip-flop (M2) -> T2O
Figure 43. Pulse Generator – the Timer Toggles with Timer Overflow and Compare
Match
Timer 2 Output Mode 2
Duty Cycle Burst Generator 1: The DCG output signal (DCGO) is given to the output,
and gated by the output flip-flop (M2)
Figure 44. Carrier Frequency Burst Modulation with Timer 2 Toggle Flip-flop Output
Timer 2 Output Mode 3
Duty Cycle Burst Generator 2: The DCG output signal (DCGO) is given to the output,
and gated by the SSI internal data output (SO)
Figure 45. Carrier Frequency Burst Modulation with the SSI Data Output
4
0
001
2
3
5
6
7
4
012
3
5
6
Input
Counter 2
T2R
Counter 2
CMx
OVF2
INT4
T2O
4095/
255
1 20 120 1 2 3 450 120 12 3 4 5 6 7 8 0 1 234 56 7 8 9 10 0 1 234 5
DCGO
Counter 2
TOG2
M2
T2O
Counter = compare register (=2)
1 20 120 120 12 012 0 1 2 0 1 2 01 2 012 01 20 120 12 0 120 1
DCGO
Counter 2
TOG2
SO
T2O
Counter = compare register (=2)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com