Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 73 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 69Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 70Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 71Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 72Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 73Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 74Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 75Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 76Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
73
T48C862-R3
4554A–4BMCU–02/03
MCL Bus Protocol
The MCL protocol constitutes a simple 2-wire bi-directional communication highway via
which devices can communicate control and data information. Although the MCL proto-
col can support multi-master bus configurations, the SSI in MCL mode is intended for
use purely as a master controller on a single master bus system. So all reference to
multiple bus control and bus contention will be omitted at this point.
All data is packaged into 8-bit telegrams plus a trailing handshaking or acknowledge-bit.
Normally the communication channel is opened with a so-called start condition, which
initializes all devices connected to the bus. This is then followed by a data telegram,
transmitted by the master controller device. This telegram usually contains an 8-bit
address code to activate a single slave device connected onto the MCL bus. Each slave
receives this address and compares it with its own unique address. The addressed
slave device, if ready to receive data, will respond by pulling the SD line low during the
9th clock pulse. This represents a so-called MCL acknowledge. The controller detecting
this affirmative acknowledge then opens a connection to the required slave. Data can
then be passed back and forth by the master controller, each 8-bit telegram being
acknowledged by the respective recipient. The communication is finally closed by the
master device and the slave device put back into standby by applying a stop condition
onto the bus.
Figure 70. MCL Bus Protocol 1
Bus not busy (1)
Both data and clock lines remain HIGH.
Start data transfer (2)
A HIGH to LOW transition of the SD line while the clock (SC)
is HIGH defines a START condition
Stop data transfer (3)
A LOW to HIGH transition of the SD line while the clock (SC)
is HIGH defines a STOP condition.
Data valid (4)
The state of the data line represents valid data when,
after START condition, the data line is stable for the
duration of the HIGH period of the clock signal.
Acknowledge
All address and data words are serially transmitted to and
from the device in eight-bit words. The receiving device
returns a zero on the data line during the ninth clock cycle to
acknowledge word receipt.
(2)
(1)
(4)
(4)
(3)
(1)
Start
condition
Data
valid
Data
change
Data
valid
Stop
condition
SC
SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com