Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 27 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 23Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 24Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 25Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 26Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 27Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 28Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 29Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 30Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
27
T48C862-R3
4554A–4BMCU–02/03
Figure 23. RC-oscillator 2
4-MHz Oscillator
The microcontroller block 4-MHz oscillator options need a crystal or ceramic resonator
connected to the OSC1 and OSC2 pins to establish oscillation. All the necessary oscilla-
tor circuitry is integrated, except the actual crystal, resonator, C3 and C4.
Figure 24. 4-MHz Crystal Oscillator
Figure 25. Ceramic Resonator
32-kHz Oscillator
Some applications require long-term time keeping or low resolution timing. In this case,
an on-chip, low power 32-kHz crystal oscillator can be used to generate both the
SUBCL and the SYSCL. In this mode, power consumption is greatly reduced. The
32-kHz crystal oscillator can not be stopped while the power-down mode is in operation.
RC
oscillator 2
RcOut2
Stop
RcOut2
Osc-Stop
R
Trim
OSC1
OSC2
R
ext
V
DD
4-MHz
oscillator
4Out
4Out
OSC1
OSC2
*
Oscin
C1
*
C2
Oscout
XTAL
4 MHz
*
Configurable
Stop
Osc-Stop
4-MHz
oscillator
4Out
Stop
4Out
Osc-Stop
OSC1
OSC2
*
Oscin
C1
*
C2
Oscout
Cer.
Res
*
Configurable
C3
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com