Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 70 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 66Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 67Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 68Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 69Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 70Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 71Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 72Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 73Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
70
T48C862-R3
4554A–4BMCU–02/03
Figure 66. Example of 8-bit Synchronous Transmit Operation
Figure 67. Example of 8-bit Synchronous Receive Operation
9-bit Shift Mode (MCL)
In the 9-bit shift mode, the SSI is able to handle the MCL protocol (described below). It
always operates as an MCL master device, i.e., SC is always generated and output by
the SSI. Both the MCL start and stop conditions are automatically generated whenever
the SSI is activated or deactivated by the SIR-bit. In accordance with the MCL protocol,
the output data is always changed in the clock low phase and shifted in on the high
phase.
76543 21
0
7 6 543 210 7 6 54 321
0
msb
lsb
tx data 1
tx data 2
tx data 3
msb
lsb msb
lsb
Write STB
(tx data 2)
Write STB
(tx data 3)
Write STB
(tx data 1)
SC
SD
SIR
SRDY
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
ACT
43210
7 6 543 210
msb
lsb
rx data 1
rx data 2
rx data 3
msb
lsb
msb
lsb
Read SRB
(rx data 2)
Read SRB
(rx data 3)
Read SRB
(rx data 1)
SC
SD
SIR
SRDY
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
ACT
7 6 5
4 3210
76 5
7 6 5 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com