Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 23 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 19Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 20Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 21Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 22Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 23Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 24Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 25Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 26Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
23
T48C862-R3
4554A–4BMCU–02/03
Figure 17. Voltage Monitor
Voltage Monitor
Control/Status Register
Primary register address: "F"hex
VM2:
Voltage monitor Mode bit 2
VM1:
Voltage monitor Mode bit 1
VM0:
Voltage monitor Mode bit 0
VIM
Voltage Interrupt Mask bit
VIM = 0, voltage monitor interrupt is enabled
VIM = 1, voltage monitor interrupt is disabled
VMS
Voltage Monitor Status bit
VMS = 0, the voltage at the comparator input is below V
Ref
VMS = 1, the voltage at the comparator input is above V
Ref
V
DD
VM2
Voltage monitor
VM1
VM0
VIM
VMS
-
-
res
OUT
IN
BP41/
VMI
INT7
VMC :
VMST :
Bit 3Bit 2Bit 1Bit 0
VMC: Write
VM2
VM1
VM0
VIM
Reset value: 1111b
VMST: Read
–
–
reserved
VMS
Reset value: xx11b
VM2
VM1
VM0
Function
1
1
1
Disable voltage monitor
110
External (VIM-input), internal reference threshold (1.3 V), interrupt
with negative slope
101
Not allowed
100
External (VMI-input), internal reference threshold (1.3 V), interrupt
with positive slope
011
Internal (supply voltage), high threshold (3.0 V), interrupt with
negative slope
010
Internal (supply voltage), middle threshold (2.6 V), interrupt with
negative slope
001
Internal (supply voltage), low threshold (2.2 V), interrupt with
negative slope
000
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com