Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 59 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 55Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 56Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 57Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 58Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 59Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 60Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 61Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 62Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
59
T48C862-R3
4554A–4BMCU–02/03
Timer 3 – Mode 8:
FSK Modulation with Shift
Register Data (SO)
The two compare registers are used for generating two different time intervals. The SSI
internal data output (SO) selects which compare register is used for the output fre-
quency generation. A "0" level at the SSI data output enables the compare register 1. A
"1" level enables compare register 2. The compare- and compare-mode registers must
be programmed to generate the two frequencies via the output toggle flip-flop. The SSI
can be supplied with the toggle signal of Timer 2. The Timer 3 counter is driven by an
internal or external clock source. The Timer 2 counter is driven by the Counter 3 (TOG3)
(see also combination mode 13).
Figure 57. FSK Modulation
Timer 3 – Mode 9:
Pulse-width Modulation with
the Shift Register
The two compare registers are used for generating two different time intervals. The SSI
internal data output (SO) selects which compare register is used for the output pulse
generation. In this mode both compare- and compare-mode registers must be pro-
grammed for generating the two pulse widths. It is also useful to enable the single-action
mode for extreme duty cycles. Timer 2 is used as baudrate generator and for the trigger
restart of Timer 3. The SSI must be supplied with a toggle signal of Timer 2. The counter
is driven by an internal or external clock source (see combination mode 7).
Figure 58. Pulse-width Modulation
Timer 3 – Mode 10:
Manchester
Demodulation/Pulse-width
Demodulation
For Manchester demodulation, the edge detection stage must be programmed to detect
each edge at the input. These edges are evaluated by the demodulator stage. The timer
stage is used to generate the shift clock for the SSI. The compare register 1 match
event defines the correct moment for shifting the state from the input T3I as the decoded
bit into shift register - after that the demodulator waits for the next edge to synchronize
the timer by a reset for the next bit. The compare register 2 can also be used to detect a
time-out error and handle it with an interrupt routine (see also combination mode 8).
012340 1 23401 2 3
Counter 3
CM31
CM32
SO
40 1 2 0 1 2012 0 120 1 201201 20 1 2 3
T3R
40
T3O
1
01
0
000 00 00 00
000 0
Counter 3
CM31
CM32
T3O
00 0 001 234 56 7 8 9 1011121314150 12 345
TOG2
67 8
1
91112
10
14
13
0
2 3
14
15
0
0
0
1
SIR
SO
SCO
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com