Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 30 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 26Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 27Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 28Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 29Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 30Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 31Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 32Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 33Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
30
T48C862-R3
4554A–4BMCU–02/03
The microcontroller block has various power-down modes. During the sleep mode the
clock for the microcontroller block core is stopped. With the NSTOP-bit in the clock man-
agement register (CM), it is programmable if the clock for the on-chip peripherals is
active or stopped during the sleep mode. If the clock for the core and the peripherals is
stopped, the selected oscillator is switched off. An exception is the 32-kHz oscillator, if it
is selected it runs continuously independent of the NSTOP-bit. If the oscillator is stopped
or the 32-kHz oscillator is selected, power consumption is extremely low.
Table 4. Power-down Modes
Peripheral Modules
Addressing Peripherals
Accessing the peripheral modules takes place via the I/O bus (see Figure 21). The IN or
OUT instructions allow direct addressing of up to 16 I/O modules. A dual register
addressing scheme has been adopted to enable direct addressing of the primary regis-
ter. To address the auxiliary register, the access must be switched with an auxiliary
switching module. Thus, a single IN (or OUT) to the module address will read (or write
into) the module primary register. Accessing the auxiliary register is performed with the
same instruction preceded by writing the module address into the auxiliary switching
module. Byte wide registers are accessed by multiple IN- (or OUT-) instructions. For
more complex peripheral modules, with a larger number of registers, extended address-
ing is used. In this case, a bank of up to 16 subport registers are indirectly addressed
with the subport address. The first OUT-instruction writes the subport address to the sub
address register, the second IN- or OUT-instruction reads data from or writes data to the
addressed subport.
Mode
CPU
Core
Osc-
Stop (1)
Brown-
out
Function
RC-oscillator 1
RC-oscillator 2
4-MHz
Oscillator
32-kHz
Oscillator
External
Input
Clock
Active
RUN
NO
Active
RUN
RUN
YES
Power-
down
SLEEP
NO
Active
RUN
RUN
YES
SLEEP
SLEEP
YES
STOP
STOP
RUN
STOP
Note:
1.
Osc-Stop = SLEEP and NSTOP and WDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com