Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 18 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 14Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 15Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 16Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 17Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 18Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 19Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 20Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 21Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
18
T48C862-R3
4554A–4BMCU–02/03
ALU
The 4-bit ALU performs all the arithmetic, logical, shift and rotate operations with the top
two elements of the expression stack (TOS and TOS-1) and returns the result to the
TOS. The ALU operations affects the carry/borrow and branch flag in the condition code
register (CCR).
Figure 13. ALU Zero-address Operations
I/O Bus
The I/O ports and the registers of the peripheral modules are I/O mapped. All communi-
cation between the core and the on-chip peripherals take place via the I/O bus and the
associated I/O control. With the microcontroller IN and OUT instructions, the I/O bus
allows a direct read or write access to one of the 16 primary I/O addresses. More about
the I/O access to the on-chip peripherals is described in the section “Peripheral Mod-
ules”. The I/O bus is internal and is not accessible by the customer on the final
microcontroller device, but it is used as the interface for the microcontroller emulation
(see also the section “Emulation”).
Instruction Set
The microcontroller instruction set is optimized for the high level programming language
qFORTH. Many microcontroller instructions are qFORTH words. This enables the com-
piler to generate a fast and compact program code. The CPU has an instruction pipeline
allowing the controller to prefetch an instruction from EEPROM at the same time as the
present instruction is being executed. The microcontroller is a zero-address machine,
the instructions contain only the operation to be performed and no source or destination
address fields. The operations are implicitly performed on the data placed on the stack.
There are one- and two-byte instructions which are executed within 1 to 4 machine
cycles. A m i crocont roll er mach ine cycle is ma de up of t w o syst em clo c k
cycles (SYSCL). Most of the instructions are only one byte long and are executed in a
single machine cycle. For more information refer to the “MARC4 Programmer’s Guide”.
Interrupt Structure
The microcontroller can handle interrupts with eight different priority levels. They can be
generated from the internal and external interrupt sources or by a software interrupt
from the CPU itself. Each interrupt level has a hard-wired priority and an associated vec-
tor for the service routine in the EEPROM (see Table 1). The programmer can postpone
the processing of interrupts by resetting the interrupt enable flag (I) in the CCR. An inter-
rupt occurrence will still be registered, but the interrupt routine only started after the
I-flag is set. All interrupts can be masked, and the priority individually software config-
ured by programming the appropriate control register of the interrupting module (see
section “Peripheral Modules”).
TOS-1
CCR
RAM
TOS-2
SP
TOS-3
TOS
ALU
TOS-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com