Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 19 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 15Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 16Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 17Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 18Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 19Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 20Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 21Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 22Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
19
T48C862-R3
4554A–4BMCU–02/03
Interrupt Processing
For processing the eight interrupt levels, the microcontroller includes an interrupt con-
troller with two 8-bit wide interrupt pending and interrupt active registers. The interrupt
controller samples all interrupt requests during every non-I/O instruction cycle and
latches these in the interrupt pending register. If no higher priority interrupt is present in
the interrupt active register, it signals the CPU to interrupt the current program execu-
tion. If the interrupt enable bit is set, the processor enters an interrupt acknowledge
cycle. During this cycle a short call (SCALL) instruction to the service routine is exe-
cuted and the current PC is saved on the return stack. An interrupt service routine is
completed with the RTI instruction. This instruction resets the corresponding bits in the
interrupt pending/active register and fetches the return address from the return stack to
the program counter. When the interrupt enable flag is reset (triggering of interrupt rou-
tines is disabled), the execution of new interrupt service routines is inhibited but not the
logging of the interrupt requests in the interrupt pending register. The execution of the
interrupt is delayed until the interrupt enable flag is set again. Note that interrupts are
only lost if an interrupt request occurs while the corresponding bit in the pending register
is still set (i.e., the interrupt service routine is not yet finished).
It should be noted that automatic stacking of the RBR is not carried out by the hardware
and so if ROM banking is used, the RBR must be stacked on the expression stack by
the application program and restored before the RTI. After a master reset (power-on,
brown-out or watchdog reset), the interrupt enable flag and the interrupt pending and
interrupt active register are all reset.
Interrupt Latency
The interrupt latency is the time from the occurrence of the interrupt to the interrupt
service routine being activated. This is extremely short (taking between 3 to 5 machine
cycles depending on the state of the core).
Figure 14. Interrupt Handling
7
6
5
4
3
2
1
0
INT5 active
INT7 active
INT2 pending
SWI0
INT2 active
INT0 pending
INT0 active
INT2
RTI
RTI
INT5
INT3 active
INT3
RTI
RTI
RTI
INT7
Time
Main /
Autosleep
Main /
Autosleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com