Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 35 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 31Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 32Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 33Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 34Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 35Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 36Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 37Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 38Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
35
T48C862-R3
4554A–4BMCU–02/03
Port 2 Data Register (P2DAT)
Primary register address: "2"hex
* Bit 3 -> MSB, Bit 0 -> LSB
Port 2 Control Register (P2CR)
Auxiliary register address: "2"hex
Value: 1111b means all pins in input mode
Bi-directional Port 5
As all other bi-directional ports, this port includes a bitwise programmable Control Reg-
ister (P5CR), which allows the individual programming of each port bit as input or
output. It also opens up the possibility of reading the pin condition when in output mode.
This is a useful feature for self testing and for serial bus applications.
The port pins can also be used as external interrupt inputs (see Figure 30 and Figure
31). The interrupts (INT1 and INT6) can be masked or independently configured to trig-
ger on either edge. The interrupt configuration and port direction is controlled by the Port
5 Control Register (P5CR). An additional low resistance pull-up/pull-down transistor
mask option provides an internal bus pull-up for serial bus applications.
The Port 5 Data Register (P5DAT) is I/O mapped to the primary address register of
address "5"h and the Port 5 Control Register (P5CR) to the corresponding auxiliary
register. The P5CR is a byte-wide register and is configured by writing first the low
nibble and then the high nibble (see section "Addressing Peripherals").
Bit 3 *
Bit 2
Bit 1
Bit 0
P2DAT3
P2DAT2
P2DAT1
P2DAT0
Reset value: 1111b
Bit 3Bit 2Bit 1Bit 0
P2CR3
P2CR2
P2CR1
P2CR0
Reset value: 1111b
Code
3 2 1 0
Function
x x x 1
BP20 in input mode
x x x 0
BP20 in output mode
x x 1 x
BP21 in input mode
x x 0 x
BP21 in output mode
x 1 x x
BP22 in input mode
x 0 x x
BP22 in output mode
1 x x x
BP23 in input mode
0 x x x
BP23 in output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com