Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 58 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 54Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 55Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 56Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 57Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 58Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 59Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 60Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 61Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 107 page
background image
58
T48C862-R3
4554A–4BMCU–02/03
Figure 55. Externally Triggered Counter Reset and Start Combined with Single-action
Mode
Timer 3 – Mode 3:
Timer/Counter, Internal
Trigger Restart and Internal
Capture (with TOG2)
The counter is driven by an internal or external (T3I) clock source. The output toggle sig-
nal of Timer 2 resets the counter. The counter value before the reset is saved in the
capture register. If single-action mode is activated for one ore both compare registers,
the trigger signal restarts the single actions. This mode can be used for frequency mea-
surements or as event counter with time gate (see combination mode 10).
Figure 56. Event Counter with Time Gate
Timer 3 – Mode 4:
Timer/Counter
The timer runs as timer/counter in mode 1, but its output T3O is used as output for the
Timer 2 output signal.
Timer 3 – Mode 5:
Timer/Counter, External
Trigger Restart and External
Capture (with T3I Input)
The Timer 3 runs as timer/counter in mode 2, but its output T3O is used as output for the
Timer 2 output signal.
Timer 3 Modulator/Demodulator Modes
Timer 3 – Mode 6:
Carrier Frequency Burst
Modulation Controlled by
Timer 2 Output Toggle
Flip-Flop (M2)
The Timer 3 counter is driven by an internal or external clock source. Its compare- and
compare mode registers must be programmed to generate the carrier frequency via the
output toggle flip-flop. The output toggle flip-flop of Timer 2 is used to enable or disable
the Timer 3 output. Timer 2 can be driven by the toggle output signal of Timer 3 or any
other clock source (see combination mode 11).
Timer 3 – Mode 7:
Carrier Frequency Burst
Modulation Controlled by SSI
Internal Output (SO)
The Timer 3 counter is driven by an internal or external clock source. Its compare- and
compare mode registers must be programmed to generate the carrier frequency via the
output toggle flip-flop. The output (SO) of the SSI is used to enable or disable the Timer
3 output. The SSI should be supplied with the toggle signal of Timer 2 (see combination
mode 12).
000000 00123456
Counter 3
T3EX
CM31
CM32
7 8 9 10 0 12 X X X 0 1 23 4 5 67 89 10 01 2 X X
T3R
XX
T3O
001 2 34567 8 9 10
Counter 3
TOG2
T3CP-
Register
11
0 1
2
40 1
T3I
2
3
T3R
Capture value = 0
Capture value = 11
Capture
value = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com