Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 64 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 60Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 61Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 62Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 63Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 64Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 65Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 66Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 67Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
64
T48C862-R3
4554A–4BMCU–02/03
Timer 3 Compare- and
Compare-mode Register
Timer 3 has two separate compare registers T3CO1 and T3CO2 for the 8-bit stage of
Timer 3. The timer compares the content of the compare register with the current
counter value. If both match, it generates a signal. This signal can be used for the
counter reset, to generate a timer interrupt, for toggling the output flip-flop, as SSI clock
or as clock for the next counter stage. For each compare register, a compare-mode reg-
ister exists. These registers contain mask bits to enable or disable the generation of an
interrupt, a counter reset, or an output toggling with the occurrence of a compare match
of the corresponding compare register. The mask bits for activating the single-action
mode can also be located in the compare mode registers. When assigned to the com-
pare register a compare event will be suppressed.
Timer 3 Compare-Mode
Register 1 (T3CM1)
Address: "B"hex - Subaddress: "2"hex
T3CM1 contains the mask bits for the match event of the Counter 3 compare register 1
T3CS1 Timer 3 Clock Source select bit 1 T3CS1
TCS0
Counter 3 Input Signal (CL3)
T3CS0 Timer 3 Clock Source select bit 0
1
1
System clock (SYSCL)
1
0
Output signal of Timer 2 (POUT)
0
1
Output signal of Timer 1 (T1OUT)
0
0
External input signal from T3I edge
detect
Bit 3Bit 2Bit 1Bit 0
T3CM1
T3SM1
T3TM1
T3RM1
T3IM1
Reset value: 0000b
T3SM1
Timer 3 Single action Mask bit 1
T3SM1 = 0, disables single-action compare mode
T3SM1 = 1, enables single-compare mode. After this bit is set, the compare
register (T3CO1) is used until the next compare match.
T3TM1
Timer 3 compare Toggle action Mask bit 1
T3TM1 = 0, disables compare toggle
T3TM1 = 1, enables compare toggle. A match of Counter 3 with the compare
register (T3CO1) toggles the output flip-flop (TOG3).
T3RM1
Timer 3 Reset Mask bit 1
T3RM1 = 0, disables counter reset
T3RM1 = 1, enables counter reset. A match of Counter 3 with the compare
register (T3CO1) resets the Counter 3.
T3IM1
Timer 3 Interrupt Mask bit 1
T3RM1 = 0, disables Timer 3 interrupt for T3CO1 register.
T3RM1 = 1, enables Timer 3 interrupt for T3CO1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com