Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 46 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 42Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 43Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 44Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 45Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 46Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 47Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 48Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 49Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
46
T48C862-R3
4554A–4BMCU–02/03
The 4-bit stage is used as programmable prescaler for the 8-bit counter stage. In this
mode, a duty cycle stage is also available. This stage can be used as an additional 2-bit
prescaler or for generating duty cycles of 25%, 33% and 50%. The 4-bit compare output
(CM1) supplies the clock output (POUT) with clocks.
Mode 3/4: 8-bit Compare
Counter and 4-bit
Programmable Prescaler
Figure 39. 4-/8-bit Compare Counter
In these modes the 4-bit and the 8-bit counter stages work independently as a 4-bit
prescaler and an 8-bit timer with an 2-bit prescaler or as a duty cycle generator. Only in
the mode 3 and mode 4, can the 8-bit counter be supplied via the external clock input
(T2I) which is selected via the P4CR register. The 4-bit prescaler is started via activating
of mode 3 and stopped and reset in mode 4. Changing mode 3 and 4 has no effect for
the 8-bit timer stage. The 4-bit stage can be used as prescaler for Timer 3, the SSI or to
generate the stop signal for modulator 2 and modulator 3.
Timer 2 Output Modes
The signal at the timer output is generated via modulator 2. In the toggle mode, the com-
pare match event toggles the output T2O. For high resolution duty cycle modulation 8
bits or 12 bits can be used to toggle the output. In the duty cycle burst modulator modes
the DCG output is connected to T2O and switched on and off either by the toggle flipflop
output or the serial data line of the SSI. Modulator 2 also has 2 modes to output the con-
tent of the serial interface as Biphase or Manchester code.
The modulator output stage can be configured by the output control bits in the T2M2
register. The modulator is started with the start of the shift register (SIR = 0) and
stopped either by carrying out a shift register stop (SIR = 1) or compare match event of
stage 1 (CM1) of Timer 2. For this task, Timer 2 mode 3 must be used and the prescaler
has to be supplied with the internal shift clock (SCL).
4-bit counter
4-bit compare
RES
4-bit register
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/2
DCG
T2D1, 0
DCGO
P41M2, 1
P4CR
CM1
POUT
CL2/1
MUX
TOG3
T1OUT
SYSCL
SCL
T2CS1, 0
SYSCL
T2I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com