Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 69 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 65Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 66Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 67Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 68Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 69Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 70Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 71Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 72Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
69
T48C862-R3
4554A–4BMCU–02/03
8-bit Synchronous Mode
Figure 65. 8-bit Synchronous Mode
In the 8-bit synchronous mode, the SSI can operate as either a 2- or 3-wire interface
(see SSI peripheral configuration). The serial data (SD) is received or transmitted in
NRZ format, synchronized to either the rising or falling edge of the shift clock (SC). The
choice of clock edge is defined by the Serial Mode Control bits (SM0,SM1). It should be
noted that the transmission edge refers to the SC clock edge with which the SD
changes. To avoid clock skew problems, the incoming serial input data is shifted in with
the opposite edge.
When used together with one of the timer modulator or demodulator stages, the SSI
must be set in the 8-bit synchronous mode 1.
In RX mode, as soon as the SSI is activated (SIR = 0), 8 shift clocks are generated and
the incoming serial data is shifted into the shift register. This first telegram is automati-
cally transferred into the receive buffer and the SRDY set to 0 indicating that the receive
buffer contains valid data. At the same time an interrupt (if enabled) is generated. The
SSI then continues shifting in the following 8-bit telegram. If, during this time the first
telegram has been read by the controller, the second telegram will also be transferred in
the same way into the receive buffer and the SSI will continue clocking in the next tele-
gram. Should, however, the first telegram not have been read (SRDY = 1), then the SSI
will stop, temporarily holding the second telegram in the shift register until a certain point
of time when the controller is able to service the receive buffer. In this way no data is lost
or overwritten.
Deactivating the SSI (SIR = 1) in mid-telegram will immediately stop the shift clock and
latch the present contents of the shift register into the receive buffer. This can be used
for clocking in a data telegram of less than 8 bits in length. Care should be taken to read
out the final complete 8-bit data telegram of a multiple word message before deactivat-
ing the SSI (SIR = 1) and terminating the reception. After termination, the shift register
contents will overwrite the receive buffer.
SC
SC
DATA
SD/TO2
11
0
1
0
1
00
Bit 7
Bit 0
11
0
1
0
1
00
Bit 7
Bit 0
Data: 00110101
(Rising edge)
(Falling edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com