Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3-TNQ Datasheet(PDF) 34 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 30Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 31Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 32Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 33Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 34Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 35Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 36Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 37Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
34
T48C862-R3
4554A–4BMCU–02/03
Figure 28. Bi-directional Port 1
Bi-directional Port 2
As all other bi-directional ports, this port includes a bitwise programmable Control Reg-
ister (P2CR), which enables the individual programming of each port bit as input or
output. It also opens up the possibility of reading the pin condition when in output mode.
This is a useful feature for self testing and for serial bus applications.
Port 2, however, has an increased drive capability and an additional low resistance
pull-up/pull-down transistor mask option.
Care should be taken connecting external components to BP20/NTE. During any reset
phase, the BP20/NTE input is driven towards V
DD by an additional internal strong pull-up
transistor. This pin must not be pulled down (active or passive) to V
SS during reset by
any external circuitry representing a resistor of less than 150 k
W. This prevents the cir-
cuit from unintended switching to test mode enable through the application circuitry at
pin BP20/NTE. Resistors less than 150 k
W might lead to an undefined state of the inter-
nal test logic thus disabling the application firmware.
To avoid any conflict with the optional internal pull-down transistors, BP20 handles the
pull-down options in a different way than all other ports. BP20 is the only port that
switches off the pull-down transistors during reset.
Figure 29. Bi-directional Port 2
OUT
IN
Reset
I/O Bus
D
R
S
Q
Q
NQ
R
Master reset
P1DATy
(Data out)
(Direction)
BP1y
V DD
*
Switched
pull-up
*
**
*
*) Configurable
V DD
Static
pull-up
Static
pull-down
Switched
pull-down
Master reset
Q
Q
BP2y
Configurable
*
*
P2DATy
P2CRy
I/O Bus
D
I/O Bus
I/O Bus
*
*
Switched
pull-up
*
Static
Pull-up
(Data out)
(Direction)
*
S
D
*
S
*
V
DD
Static
Pull-down
Switched
pull-down
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com